Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M20 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M20
Description  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M20 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M20 Datasheet HTML 9Page - STMicroelectronics M20 Datasheet HTML 10Page - STMicroelectronics M20 Datasheet HTML 11Page - STMicroelectronics M20 Datasheet HTML 12Page - STMicroelectronics M20 Datasheet HTML 13Page - STMicroelectronics M20 Datasheet HTML 14Page - STMicroelectronics M20 Datasheet HTML 15Page - STMicroelectronics M20 Datasheet HTML 16Page - STMicroelectronics M20 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STLM20
Package mechanical
13/17
7
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
SOT323-5 – 5-lead small outline transistor package outline
1.
Drawing is not to scale.
Table 8.
SOT323-5 – 5-lead small outline transistor package mechanical data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.80
1.10
0.031
0.043
A1
0
0.10
0
0.004
A2
0.90
0.035
b
0.15
0.30
0.006
0.012
C
0.10
0.20
0.004
0.008
D
2.00
1.90
2.10
0.079
0.075
0.083
E
1.80
2.40
0.071
0.094
E1
1.25
1.15
1.35
0.049
0.045
0.053
e0.65–
0.026
e1
1.30
0.051
L0.52–
0.020
L1
0.40
0.35
0.45
0.016
0.014
0.018
s–
SOT323-5
0.10 C
A
A2
A1
5X
C
e1
D
e
5X b
E
B
E1
A
M
0.10
C A
B
s
s
1
C
L1
s
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com