Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259 Datasheet(PDF) 25 Page - Catalyst Semiconductor

Part # CAT5259
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5259 Datasheet(HTML) 25 Page - Catalyst Semiconductor

Back Button CAT5259 Datasheet HTML 20Page - Catalyst Semiconductor CAT5259 Datasheet HTML 21Page - Catalyst Semiconductor CAT5259 Datasheet HTML 22Page - Catalyst Semiconductor CAT5259 Datasheet HTML 23Page - Catalyst Semiconductor CAT5259 Datasheet HTML 24Page - Catalyst Semiconductor CAT5259 Datasheet HTML 25Page - Catalyst Semiconductor CAT5259 Datasheet HTML 26Page - Catalyst Semiconductor CAT5259 Datasheet HTML 27Page - Catalyst Semiconductor CAT5259 Datasheet HTML 28Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
23
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
PARALLEL EEPROMs
Part Number
Temp
Range
Density (org)
Access Time (ns)
ICC
(Active/Standby)
Voltage Range
Package (Pin Count)1
SOIC
CAT28C16A
C,I,A
16Kb (2Kx8)
90/120/200
25mA/100µA
4.5 - 5.5V
24
24
24
32
CAT28C17A
C,I,A
16Kb (2Kx8)
200
25mA/100µA
4.5 - 5.5V
24
24
24
32
CAT28C64B
C,I,A
64Kb (8Kx8)
90/120/150
25mA/100µA
4.5 - 5.5V
28
28
28
32
CAT28C65B
C,I,A
64Kb (8Kx8)
90/120/150
25mA/100µA
4.5 - 5.5V
28
28
28
32
CAT28LV64
C,I
64Kb (8Kx8)
150/200/250
8mA/100µA
3.0 - 3.6V
28
28
28
32
28
CAT28LV65
C,I
64Kb (8Kx8)
150/200/250
8mA/100µA
3.0 - 3.6V
28
28
28
32
28
CAT28C256
C,I,A
256Kb (32Kx8)
120/150
25mA/150µA
4.5 - 5.5V
28
32
28
CAT28C257
C,I,A
256Kb (32Kx8)
120/150
25mA/150µA
4.5 - 5.5V
28
32
CAT28LV256
C,I
256Kb (32Kx8)
250/300
15mA/150µA
3.0 - 3.6V
28
32
28
CAT28C512
C,I,A
512Kb (64Kx8)
512Kb (64Kx8)
120/150
50mA/500µA
4.5 - 5.5V
32
32
32
CAT28C513
C,I,A
512Kb (64Kx8)
120/150
50mA/500µA
4.5 - 5.5V
32
PRODUCT LIST
FLASH MEMORIES - Boot Block
Part Number
Temp
Range
Density (org)
Access Time (ns)
ICC
(Active/Standby)
Voltage Range
Package (Pin Count)1
SOIC
TSOP
CAT28F001
C,I,A
1Mb (128Kx8)
90/120
30mA/100µA
5/12V
32
32
32
PRODUCT LIST
FLASH MEMORIES - Bulk Erase
CAT28F512
C,I,A
512Kb (64Kx8)
90/120
30mA/100µA
5/12V
32
32
32
32
CAT28F010
C,I,A
1Mb (128Kx8)
90/120
30mA/100µA
5/12V
32
32
32
32
CAT28F020
C,I,A
2Mb (256Kx8)
90/120
30mA/100µA
5/12V
32
32
32
32
PRODUCT LIST
NVRAM
CAT22C10
C,I,A
256b (64x4)
200,300 ns
40mA/30µA
4.5 - 5.5V
18
16
CAT24C44
C,I,A
256b (16x16)
1MHz
3mA/30µA
4.5 - 5.5V
8
8
p a r a l l e l e e p r o m s / f l a s h / n v r a m
Note:
1. Available in standard and“green”packages.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com