Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF998WR Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998WR Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BF998WR Datasheet HTML 4Page - NXP Semiconductors BF998WR Datasheet HTML 5Page - NXP Semiconductors BF998WR Datasheet HTML 6Page - NXP Semiconductors BF998WR Datasheet HTML 7Page - NXP Semiconductors BF998WR Datasheet HTML 8Page - NXP Semiconductors BF998WR Datasheet HTML 9Page - NXP Semiconductors BF998WR Datasheet HTML 10Page - NXP Semiconductors BF998WR Datasheet HTML 11Page - NXP Semiconductors BF998WR Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Sep 05
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
Fig.15 Gain control testcircuit at f = 200 MHz.
VDD = 12 V; GS = 2 mS; GL = 0.5 mS.
L1 = 45 nH; 4 turns 0.8 mm copper wire, internal diameter 4 mm.
L2 = 160 nH; 3 turns 0.8 mm copper wire, internal diameter 8 mm.
Tapped at approximately half a turn from the cold side, to adjust GL = 0.5 mS. C1 adjusted for GS = 2 mS.
VAGC
1 nF
1 nF
50
Ω
input
50
Ω
input
1 nF
1 nF
L1
L2
20
µH
47
µF
1 nF
1 nF
1 nF
1 nF
47
k
Ω
1.8
k
Ω
360
Ω
140 k
Ω
1 nF
VDD
VDD
15 pF
10 pF
100
k
Ω
330
k
Ω
Vtun
D1
BB405
C1
5.5 pF
330
k
Ω
D2
BB405
input
Vtun
output
MGC481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com