Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3394 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3394
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3394 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3394 Datasheet HTML 2Page - RF Micro Devices RF3394 Datasheet HTML 3Page - RF Micro Devices RF3394 Datasheet HTML 4Page - RF Micro Devices RF3394 Datasheet HTML 5Page - RF Micro Devices RF3394 Datasheet HTML 6Page - RF Micro Devices RF3394 Datasheet HTML 7Page - RF Micro Devices RF3394 Datasheet HTML 8Page - RF Micro Devices RF3394 Datasheet HTML 9Page - RF Micro Devices RF3394 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-589
RF3394
Rev A12 040224
Reverse Isolation versus Frequency Across
Temperature (ICC = 65 mA)
17.0
18.0
19.0
20.0
21.0
22.0
23.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Current versus Voltage
(At evaluation board connector, RBIAS = 22Ω)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
4.5
5.0
5.5
6.0
6.5
VCC (V)
-40°C
+25°C
+85°C
Power Dissipated versus Voltage at Pin 8
(TAMBIENT = +85°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
4.00
4.10
4.20
4.30
4.40
4.50
4.60
VPIN (V)
Junction Temperature versus Power Dissipated
(TAMBIENT = +85°C)
125.00
130.00
135.00
140.00
145.00
150.00
155.00
160.00
165.00
0.22
0.24
0.26
0.28
0.30
0.32
0.34
Power Dissipated (Watts)
Current versus Voltage
(At Pin 8 of the RF3394)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
4.0
4.1
4.2
4.3
4.4
4.5
4.6
VPIN (V)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com