Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3394PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3394PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3394PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF3394PCBA Datasheet HTML 1Page - RF Micro Devices RF3394PCBA Datasheet HTML 2Page - RF Micro Devices RF3394PCBA Datasheet HTML 3Page - RF Micro Devices RF3394PCBA Datasheet HTML 4Page - RF Micro Devices RF3394PCBA Datasheet HTML 5Page - RF Micro Devices RF3394PCBA Datasheet HTML 6Page - RF Micro Devices RF3394PCBA Datasheet HTML 7Page - RF Micro Devices RF3394PCBA Datasheet HTML 8Page - RF Micro Devices RF3394PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-586
RF3394
Rev A12 040224
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
12
11
10
4
5
6
1
2
3
9
8
7
RF OUT
22 pF
R
BIAS
10 nF
22 pF
47 nH
V
CC
22 pF
RF IN
C2
100 pF
C1
100 pF
50
Ω µstrip
50
Ω µstrip
J2
RF OUT
J1
RF IN
L1
100 nH
R1
22
VCC
P1-1
C3
100 pF
C4
1
µF
12
11
10
4
5
6
1
2
3
9
8
7
NOTE:
Evaluation board optimized for frequencies above 300 MHz and below 2.5 GHz.
For operation below 300 MHz the value of inductor L1 and capcitors C1 and C2
should be increased.
P1-1
VCC
GND
P1-3
NC
P1
1
2
3
CON3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com