Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3080EMN Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3080EMN
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EMN Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3080EMN Datasheet HTML 9Page - Sipex Corporation SP3080EMN Datasheet HTML 10Page - Sipex Corporation SP3080EMN Datasheet HTML 11Page - Sipex Corporation SP3080EMN Datasheet HTML 12Page - Sipex Corporation SP3080EMN Datasheet HTML 13Page - Sipex Corporation SP3080EMN Datasheet HTML 14Page - Sipex Corporation SP3080EMN Datasheet HTML 15Page - Sipex Corporation SP3080EMN Datasheet HTML 16Page - Sipex Corporation SP3080EMN Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Rev N 9/15/2006
SP3080E Advanced RS485 Transceiver
© Copyright 2006 Sipex Corporation
DESCRIPTION
VOD
60
375
375
VCM
D
DI= 0 or VCC
DE= 3V
A/Y
B/Z
DI
D
Y
Z
S1
0 or VCC
GENERATOR
50Ω
CL=50pF
OUT
RL= 500Ω
DE
OUT
VCC /2
VCC
0
0.25V
0
tLZ
tZL, tZL(SHDN)
VOM = (VOL + VCC)/2
Figure 3a. Driver VOD Test 2
Driver Differential Output Test Circuit
Figure 4. Driver Enable and Disable Times Test Circuit and Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com