Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS32 Datasheet(PDF) 1 Page - Texas Instruments

Part # MS32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MS32 Datasheet(HTML) 1 Page - Texas Instruments

  MS32 Datasheet HTML 1Page - Texas Instruments MS32 Datasheet HTML 2Page - Texas Instruments MS32 Datasheet HTML 3Page - Texas Instruments MS32 Datasheet HTML 4Page - Texas Instruments MS32 Datasheet HTML 5Page - Texas Instruments MS32 Datasheet HTML 6Page - Texas Instruments MS32 Datasheet HTML 7Page - Texas Instruments MS32 Datasheet HTML 8Page - Texas Instruments MS32 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ti.com
FEATURES
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
DESCRIPTION/ORDERING INFORMATION
The SN74AUC32 device performs the Boolean function Y + A ) B or Y + A • B in positive logic.
A
B
Y
SN74AUC32
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SCES513A – NOVEMBER 2003 – REVISED MARCH 2005
•
Optimized for 1.8-V Operation and Is 3.6-V I/O
Tolerant to Support Mixed-Mode Signal
Operation
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Sub-1-V Operable
•
Max tpd of 2.2 ns at 1.8 V
•
Low Power Consumption, 10-
µA Max I
CC
•
±8-mA Output Drive at 1.8 V
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This quadruple 2-input positive-OR gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for
1.65-V to 1.95-V VCC operation.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN – RGY
Tape and reel
SN74AUC32RGYR
MS32
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MS32

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
AMR Switching-Sensor
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com