Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCK190 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # VCK190
Description  Versal™ AI Core Series VCK190 Evaluation Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

VCK190 Datasheet(HTML) 2 Page - Advanced Micro Devices

  VCK190 Datasheet HTML 1Page - Advanced Micro Devices VCK190 Datasheet HTML 2Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DISCLAIMERS
The information contained herein is for informational purposes only and is subject to change without notice. While every precaution has been taken in the preparation of this document, it may contain technical
inaccuracies, omissions and typographical errors, and AMD is under no obligation to update or otherwise correct this information. Advanced Micro Devices, Inc. makes no representations or warranties with
respect to the accuracy or completeness of the contents of this document, and assumes no liability of any kind, including the implied warranties of noninfringement, merchantability or fitness for purposes, with
respect to the operation or use of AMD hardware, software or other products described herein. No license, including implied or arising by estoppel, to any intellectual property rights is granted by this document.
Terms and limitations applicable to the purchase or use of AMD’s products are as set forth in a signed agreement between the parties or in AMD’s Standard Terms and Conditions of Sale.
COPYRIGHT NOTICE
© 2023 Advanced Micro Devices, Inc.  All rights reserved.  Xilinx, the Xilinx logo, AMD, the AMD Arrow logo, Alveo, Artix, Kintex, Kria, Spartan, Versal, Vitis, Virtex, Vivado, Zynq, and other designated brands
included herein are trademarks of Advanced Micro Devices, Inc.  Other product names used in this publication are for identification purposes only and may be trademarks of their respective companies. 
AMBA, AMBA Designer, ARM, ARM1176JZ-S, CoreSight, Cortex, and PrimeCell are trademarks of ARM in the EU and other countries. PCIe, and PCI Express are trademarks of PCI-SIG and used under license.
PID# 1846750-B
KIT CONTENTS
READY TO CONNECT? VISIT
xilinx.com/vck190
Versal AI Core Series VCK190 Evaluation Kit
TAKE THE NEXT STEP
To purchase or to learn more about the Versal AI Core series VCK190 evaluation kit, visit www.xilinx.com/vck190
VCK190 Evaluation Board
QSPI Boot Module
Pmod Module
2 Ethernet Cables
USB Type-C Cable
2 Micro SD Cards
- System Controller SD Card – Pre-programmed
- Versal SD Card – Blank
180W (12V) Power Supply
PCIe® Bracket
Vivado™ Design Suite
01
02
03
04
05
06
07
08
09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com