Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NDH-R100 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # P-NDH-R100
Description  NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-NDH-R100 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  P-NDH-R100 Datasheet HTML 1Page - Amphenol Communications Solutions P-NDH-R100 Datasheet HTML 2Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18.82
.741
5.28
.208
6.00 TO 7.00
(.236 TO .276)
O.D. CABLE
A
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
2
MILLIMETRES
K.L.
GENERAL TOLERANCES
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
A
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANGULAR DEGREES
1
P-NDH-R100
RATING, RoHS COMPLIANT
P. GOBUI
DWG SIZE:
NDH SERIES RJ HOOD KIT, TAB DOWN, IP67
2
DRAWING
JAN10/22
JAN07/22
03554
X
PROJECTION
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
PRODUCT DRAWING (EAR14988)
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
X
K. LAMBIE
ANGLE
THIRD
SHEET
JAN10/22
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
BULKHEAD PORT SPACING
0.6mm CENTERING OF THE BOARD
CONNECTOR WITH BULKHEAD
CAVITY
26.00
1.024
PCB
TOP OF
M3 x 0.5 THREADED
BLIND HOLES (4 PLCS)
THREAD DEPTH 4.00 (.157)
TO SUIT SCREWS
16.20
.638
.780
19.80
1.260
32.00
.638
R1.50
TYP
.059
16.20
1.80
.071
EACH OF THE ITEMS SHOWN ARE SUPPLIED BULK
PACKED. EACH CARTON TO PROVIDE AN EQUAL
NDH-R100
APPLICATION VIEWS
PACKING CONFIGURATION
NUMBER OF PARTS.
BLIND SEALED PEM NUTS OR MOUNTING SCREWS WITH A
BUILT IN O-RING UNDER THE SEALING HEAD CAN ALSO BE
USED TO ACHIEVE A PROPER MOUNTING HOLE SEAL.
APPLICATION NOTE:
IF A CAST OR MOULDED PANEL IS NOT DESIRED TO ACHIEVE
A BLIND HOLE SUITABLE FOR THE 6mm THREAD LENGTH,
RECOMMENDED
PANEL LAYOUT
OUTSIDE PANEL VIEW
BULKHEAD
BULKHEAD OPENING
CENTRELINE
NOTE 6.
SEE SHEET 1,
CUSTOMER
PANEL
M3 X 0.5 X 6mm
LG SCREW
SUPPLIED
CUSTOMER
RJULE BOARD
CONNECTOR
SEE SHEET 1,
NOTE 5.
6.00
.236
9.00
.354
SUITABLE FOR
6mm THREAD
LENGTH
SEE NOTE
90.87
3.577
28.75±0.30
1.132±.012
2.82±0.40
.111±.016
PCB LEVEL
MAY VARY
IF ALTERNATE
MODULAR JACK
IS USED.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com