Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NDH-R5AX-AXXA Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # P-NDH-R5AX-AXXA
Description  NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASSY, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-NDH-R5AX-AXXA Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  P-NDH-R5AX-AXXA Datasheet HTML 1Page - Amphenol Communications Solutions P-NDH-R5AX-AXXA Datasheet HTML 2Page - Amphenol Communications Solutions P-NDH-R5AX-AXXA Datasheet HTML 3Page - Amphenol Communications Solutions P-NDH-R5AX-AXXA Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPPOSITE END CABLE PIGTAIL
8 WIRE CABLE, CAT 5e
CABLE LENGTH ORDERING CODE EXAMPLES:
75cm = 75
6.3m = F3
25m = L5
80m = M5
SERIES, INDUSTRIAL SQUARE
PUSH/PULL DESIGN
RJ45, TAB DOWN
KIT CONFIGURATION:
5 = BULKHEAD, HOOD + CABLE ASSY
PLUG STYLE
A = 8 CONTACTS, CAT 5e, UN-SHIELDED
PLATING FOR RJ PLUG MATING AREA
4 = 1.27µm (50µ") GOLD
6 = 0.38µm (15µ") GOLD
ORDERING CODE:
A
N D H - R 5 A X - A XX
NOV10/22
ANGULAR DEGREES
C
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
K. LAMBIE
UNLESS SPECIFIED OTHERWISE
2:1
P-NDH-R5AX-AXXA
K.L.
4
C
SCALE:
REV
REF.
THIRD
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
DWG.
NO.
6
DOWN, RoHS COMPLIANT
REV
SCALE
NDH SERIES RJ HOOD WITH BULKHEAD
2
P. GOBUI
B
Amphenol Canada Corp.
DRAWING
& PIGTAIL CABLE ASS'Y, IP67 RATING,
JAN14/22
ANGLE
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
PRODUCT DRAWING (EAR 14988)
JAN14/22
JAN12/22
03554
SHEET
X
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
1
K.L.
DWG SIZE:
PROJECTION
PRODUCT DRAWING (EAR 14988)
MILLIMETRES
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
DO NOT
CAT 5e PERFORMANCE, PLUG TAB
ENG. REL. NO.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
CABLE LENGTH (DIMENSION 'A')
20 TO 99
LENGTH IN CM
A0 TO A9
1 METER + 0 TO 9 DECIMETERS
B0 TO B9
2 METERS + 0 TO 9 DECIMETERS
C0 TO C9
3 METERS + 0 TO 9 DECIMETERS
D0 TO D9
4 METERS + 0 TO 9 DECIMETERS
E0 TO E9
5 METERS + 0 TO 9 DECIMETERS
F0 TO F9
6 METERS + 0 TO 9 DECIMETERS
G0 TO G9
7 METERS + 0 TO 9 DECIMETERS
H0 TO H9
8 METERS + 0 TO 9 DECIMETERS
J0 TO J9
9 METERS + 0 TO 9 DECIMETERS
K0 TO K9
10 METERS + 0 TO 9 METERS
L0 TO L9
20 METERS + 0 TO 9 METERS
M0 TO M9
30 METERS + 0 TO 9 DECAMETERS
NOTES:
MATERIAL: RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND AMENDMENTS.
1.
BULKHEAD: ENGINEERING THERMOPLASTIC, COLOUR: BLACK
•
HOOD COVERS, BODY, SLIDE & END CAP : PBT GLASS REINFORCED,
•
COLOUR: BLACK
HOOD LOCK: PBT GLASS REINFORCED, COLOUR: RED
•
GASKETS & GROMMET: SILICONE RUBBER, COLOUR: BLACK
•
PLUG SHIELD: COPPER ALLOY, NICKEL PLATED
•
PLUG INSERTS: CLEAR POLYCARBONATE, UL94V-2
•
PLUG CONTACTS: COPPER ALLOY PLATED WITH GOLD (SEE ORDERING
•
CODE) OVER 1.27μm (50μ”) MINIMUM NICKEL ON THE MATING AREA
CABLE: HDPE INSULATED, 4X2 TWISTED PAIR AWG 24/7 COPPER, WITH PVC
•
JACKET
CURRENT RATING: 1.5 AMPERES PER CONTACT
2.
OPERATING TEMPERATURE -40° TO +80°C.
3.
DIELECTRIC WITHSTANDING VOLTAGE: 1000V AC rms
4.
INSULATION RESISTANCE: 500 MEGOHMS MINIMUM.
5.
NDH-R5AX-AXXA PARTS WILL PROVIDE AN IP67 SEALED SOLUTION WITH
6.
PUSH/PULL MATING FOR MODULAR JACK ETHERNET APPLICATIONS. THE IP67
RATING APPLIES IN THE MATED CONDITION FOR BOTH THE ENCLOSURE AND
THE MATING INTERFACE.
FOR THE PCB MOUNTED MODULAR JACK, SEE AMPHENOL DRAWING P-RJULE-
7.
4X183-01. THE JACK IS AN 8 CONTACT, SHIELDED, TAB DOWN, ULTRA LOW
PROFILE RIGHT ANGLE DESIGN CONNECTOR.
CABLE ASSEMBLIES ARE INDIVIDUALLY PACKED WITH AN EQUAL NUMBER OF
8.
BULKHEADS PER CARTON. QUANTITY PER CARTON VARIES WITH CABLE
LENGTH.
TO ORDER PARTS SEPARATELY, REFER TO AMPHENOL DRAWINGS P-NDH-N200
9.
FOR THE BULKHEAD, P-NDH-R100 FOR THE HOOD AND P-NDH-R4XX-AXXA FOR
THE HOOD & CABLE ASSEMBLY.
BULKHEAD
RJ45 CABLE ASSY
RJ HOOD


Similar Part No. - P-NDH-R5AX-AXXA

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
More results

Similar Description - P-NDH-R5AX-AXXA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MRJ-258E-11-BP AMPHENOL-P-MRJ-258E-11-BP Datasheet
59Kb / 1P
MRJ SERIES BOOT FOR RJ PLUG & CABLE, RoHS COMPLIANT
logo
Assmann Electronics Inc...
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
CAT.5E FTP PATCH CABLE
logo
Amphenol Corporation
RJE72 AMPHENOL-RJE72 Datasheet
983Kb / 1P
Available with Cat 5e and Cat 6 Performance
logo
Amphenol Communications...
P-DRPC1-XXXX-XXXX AMPHENOLCS-P-DRPC1-XXXX-XXXX Datasheet
453Kb / 1P
INDUSTRIAL PLUG CABLE ASSEMBLY ONLY ONE INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. A
P-DRPC2-XXXX-XXXX AMPHENOLCS-P-DRPC2-XXXX-XXXX Datasheet
503Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. B
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
logo
Wurth Elektronik GmbH &...
615008145521 WURTH-615008145521 Datasheet
734Kb / 7P
WR-MJ Modular Jack CAT 5e Tab Down
001.002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com