Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NDH-R6AX Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # P-NDH-R6AX
Description  NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-NDH-R6AX Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  P-NDH-R6AX Datasheet HTML 1Page - Amphenol Communications Solutions P-NDH-R6AX Datasheet HTML 2Page - Amphenol Communications Solutions P-NDH-R6AX Datasheet HTML 3Page - Amphenol Communications Solutions P-NDH-R6AX Datasheet HTML 4Page - Amphenol Communications Solutions P-NDH-R6AX Datasheet HTML 5Page - Amphenol Communications Solutions P-NDH-R6AX Datasheet HTML 6Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
K. LAMBIE
ANGULAR DEGREES
REFERENCE IN PARENTHESES
NOV10/22
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
0.30
GENERAL TOLERANCES
PROJECTION
PRODUCT DRAWING (EAR 14988)
1
2
6
A
SCALE:
ENG. REL. NO.
REF.
THIRD
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
REV
DWG.
NO.
6
DATE
REVISIONS
ANGLE
SCALE
REV
1
DRAWING
P-NDH-R6AX
Amphenol Canada Corp.
SHEET
NDH SERIES, RJ BULKHEAD, HOOD KIT &
NOV10/22
OCT13/22
2:1
03554
K. LAMBIE
X
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
RoHS COMPLIANT
K. MORRISON
DWG SIZE:
NOV10/22
DO NOT
MILLIMETRES
INCHES
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
PRIMARY UNITS
SECONDARY
K.L.
UNLESS SPECIFIED OTHERWISE
PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN,
DWG APPR.
1
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
A
NOTES:
MATERIAL: RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND
1.
AMENDMENTS.
HOOD COVERS, BODY, SLIDE, BULKHEAD & END CAP: PBT
•
GLASS REINFORCED,
COLOUR: BLACK
HOOD LOCK: PBT GLASS REINFORCED, COLOUR: RED
•
GASKETS & GROMMET: SILICONE RUBBER, COLOUR: BLACK
•
PLUG HOUSING: POLYCARBONATE UL94V-2, COLOUR:CLEAR
•
PLUG CONTACTS: COPPER ALLOY PLATED WITH GOLD (SEE
•
ORDERING CODE) OVER 1.27 µm (50µ") MINIMUM NICKEL ON
THE MATING AREA
CURRENT RATING: 1.5 AMPERES PER CONTACT
2.
OPERATING TEMPERATURE -40 °C TO +80 °C
3.
DIELECTRIC WITHSTANDING VOLTAGE: 1000 V AC RMS
4.
INSULATION RESISTANCE: 500 MEGOHMS MINIMUM
5.
NDH-R6AX BULKHEAD, HOOD & PLUG KIT IS PART OF AN IP67
6.
SEALED SOLUTION WITH PUSH/PULL MATING FOR MODULAR JACK
ETHERNET APPLICATIONS. THE IP67 RATING APPLIES IN THE
MATED CONDITION FOR BOTH THE ENCLOSURE AND THE MATING
INTERFACE.
FOR THE PCB MOUNTED MODULAR JACK, REFER TO AMPHENOL
7.
DRAWING P-RJULE-4X183-01. THE JACK IS AN 8 CONTACT,
SHIELDED, TAB DOWN, ULTRA LOW PROFILE RIGHT ANGLE
DESIGN CONNECTOR.
TO ORDER PARTS SEPARATLEY, REFER TO AMPHENOL
8.
DRAWINGS P-NDH-N200 FOR THE BULKHEAD, P-NDH-R3AX FOR
THE HOOD AND PLUG KIT OR P-NDH-R100 FOR THE HOOD KIT.
CONSULT WITH AMPHENOL IF CABLE ASSEMBLY IS REQUIRED
9.
ORDERING CODE: N D H - R 6 A X
SERIES, INDUSTRIAL SQUARE
PUSH/PULL DESIGN
RJ45, TAB DOWN
KIT CONFIGURATION:
6 = BULKHEAD, HOOD + PLUG KIT
PLUG STYLE
A = 8 CONTACTS, CAT 5e, UN-SHIELDED
PLATING FOR RJ PLUG MATING AREA
4 = 1.27µm (50µ") GOLD
6 = 0.38µm (15µ") GOLD
RJ PLUG,
SEE SHEET 3
BULKHEAD
SEE SHEET 4
RJ HOOD KIT


Similar Part No. - P-NDH-R6AX

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R5AX-AXXA AMPHENOLCS-P-NDH-R5AX-AXXA Datasheet
505Kb / 4P
NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASSY, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT
Rev. C
More results

Similar Description - P-NDH-R6AX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MRJ-258E-11-BP AMPHENOL-P-MRJ-258E-11-BP Datasheet
59Kb / 1P
MRJ SERIES BOOT FOR RJ PLUG & CABLE, RoHS COMPLIANT
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
17-200591 CONEC-17-200591 Datasheet
668Kb / 1P
Die-Cast IP67 USB Plug Kit
17-200121 CONEC-17-200121 Datasheet
626Kb / 1P
IP67 USB 2.0 Type A Plug Assembly Kit
39K1A205 CONEC-39K1A205 Datasheet
458Kb / 1P
Protective Cover Assembly Kit Industrial Ethernet Connector (IP67) RoHS compliant
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
Amphenol Communications...
P-DRPC1-XXXX-XXXX AMPHENOLCS-P-DRPC1-XXXX-XXXX Datasheet
453Kb / 1P
INDUSTRIAL PLUG CABLE ASSEMBLY ONLY ONE INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. A
P-DRPC2-XXXX-XXXX AMPHENOLCS-P-DRPC2-XXXX-XXXX Datasheet
503Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. B
P-NDH-R100 AMPHENOLCS-P-NDH-R100 Datasheet
453Kb / 2P
NDH SERIES RJ HOOD KIT, TAB DOWN, IP67 RATING, RoHS COMPLIANT
Rev. A
P-NDH-R5AX-AXXA AMPHENOLCS-P-NDH-R5AX-AXXA Datasheet
505Kb / 4P
NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASSY, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT
Rev. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com