Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDH-R6A4 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # NDH-R6A4
Description  NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

NDH-R6A4 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  NDH-R6A4 Datasheet HTML 1Page - Amphenol Communications Solutions NDH-R6A4 Datasheet HTML 2Page - Amphenol Communications Solutions NDH-R6A4 Datasheet HTML 3Page - Amphenol Communications Solutions NDH-R6A4 Datasheet HTML 4Page - Amphenol Communications Solutions NDH-R6A4 Datasheet HTML 5Page - Amphenol Communications Solutions NDH-R6A4 Datasheet HTML 6Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOV10/22
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
6
MILLIMETRES
ANGULAR DEGREES
K. LAMBIE
GENERAL TOLERANCES
A
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
1
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-NDH-R6AX
ANGLE
3
K. MORRISON
DWG SIZE:
PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN,
NDH SERIES, RJ BULKHEAD, HOOD KIT &
OCT13/22
03554
X
NOV10/22
NOV10/22
DRAWING
5:1
RoHS COMPLIANT
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
K.L.
PRODUCT DRAWING (EAR 14988)
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
PROJECTION
0.30
UNLESS SPECIFIED OTHERWISE
K. LAMBIE
THIRD
SHEET
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
A
CONNECTOR PIN ASSIGNMENT FOR ETHERNET
RJ45 PIN
NUMBER
T568A
T568B
PIN ASSIGNMENT 10
OR 100 MBit/s
ETHERNET
PIN ASSIGNMENT
ETHERNET
WIRE
PAIR
WIRE COLOUR
WIRE
PAIR
WIRE COLOUR
1
3
WHITE/GREEN
2
WHITE/ORANGE
TX+
DA+
2
GREEN
ORANGE
TX-
DA-
3
2
WHITE/ORANGE
3
WHITE/GREEN
RX+
DB+
4
1
BLUE
1
BLUE
NOT USED
DC+
5
WHITE/BLUE
WHITE/BLUE
NOT USED
DC-
6
2
ORANGE
3
GREEN
RX-
DB-
7
4
WHITE/BROWN
4
WHITE/BROWN
NOT USED
DD+
8
BROWN
BROWN
NOT USED
DD-
RJ PLUG
RECOMMENDED CABLE SPECIFICATIONS
ITEMS
DESCRIPTION
CONDUCTORS
SIZE
24 - 26 AWG
STRANDS
7 STRANDS PER WIRE
MATERIAL
ANNEALED COPPER WIRE
INSULATION OUTSIDE
DIAMETER
0.89 - 1.00mm (
.035 - .039")
JACKET OUTSIDE DIAMETER
5.3mm - 6.8mm ( .208 - .268")
6.55
.258
22.72
.894
POSITION 1
POSITION 8
11.60
.457
12.84
.505



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com