Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDH-R6A6 Datasheet(PDF) 5 Page - Amphenol Communications Solutions

Part # NDH-R6A6
Description  NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

NDH-R6A6 Datasheet(HTML) 5 Page - Amphenol Communications Solutions

  NDH-R6A6 Datasheet HTML 1Page - Amphenol Communications Solutions NDH-R6A6 Datasheet HTML 2Page - Amphenol Communications Solutions NDH-R6A6 Datasheet HTML 3Page - Amphenol Communications Solutions NDH-R6A6 Datasheet HTML 4Page - Amphenol Communications Solutions NDH-R6A6 Datasheet HTML 5Page - Amphenol Communications Solutions NDH-R6A6 Datasheet HTML 6Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
.208
5.28
18.82
.741
CUSTOMER
NOTE 7.
BULKHEAD
BULKHEAD OPENING
M3 X 0.5 X 6mm
CENTRELINE
LG SCREW
SUPPLIED
RJULE BOARD
CONNECTOR
SEE SHEET 1,
CUSTOMER PANEL
REF
3.577
90.87
1.132±.012
28.75±0.30
6.00
.236
PCB LEVEL
MAY VARY
IF ALTERNATE
MODULAR JACK
.111±.016
IS USED.
2.82±0.40
9.00
.354
SUITABLE FOR
6mm THREAD
LENGTH
SEE NOTE
A
PRODUCT DRAWING (EAR 14988)
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
MILLIMETRES
GENERAL TOLERANCES
K. LAMBIE
SHEET
5
A
SCALE:
REV
DWG.
NO.
P-NDH-R6AX
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
6
Amphenol Canada Corp.
1
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
THIRD
NOV10/22
K. MORRISON
ANGLE
NOV10/22
NDH SERIES, RJ BULKHEAD, HOOD KIT &
K. LAMBIE
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
X
RoHS COMPLIANT
NOV10/22
03554
X
DRAWING
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN,
DWG SIZE:
DO NOT
ANGULAR DEGREES
PROJECTION
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
OCT13/22
SCALE
REF.
6
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
K.L.
0.6mm CENTERING OF THE BOARD
CONNECTOR WITH BULKHEAD
CAVITY
26.00
1.024
PACKING CONFIGURATION: NDH-R6AX
APPLICATION VIEWS
BULKHEAD PORT SPACING
BUILT IN O-RING UNDER THE SEALING HEAD CAN ALSO BE
USED TO ACHIEVE A PROPER MOUNTING HOLE SEAL.
BLIND SEALED PEM NUTS OR MOUNTING SCREWS WITH A
APPLICATION NOTE:
IF A CAST OR MOULDED PANEL IS NOT DESIRED TO ACHIEVE
A BLIND HOLE SUITABLE FOR THE 6mm THREAD LENGTH,
EACH OF THE ITEMS SHOWN ARE SUPPLIED BULK
OR TRAY PACKED. EACH CARTON TO PROVIDE AN
EQUAL NUMBER OF PARTS.
RECOMENDED
TOP OF PCB
POSITION BASED ON RJULE
OUTSIDE PANEL VIEW
PANEL LAYOUT
JACK SHOWN ABOVE
M3 x 0.5 THREADED
BLIND HOLE (4 PLCS)
THREAD DEPTH 4.00 (.157)
TO SUIT SCREWS.
.638
1.260
32.00
16.20
.638
.071
1.80
16.20
R1.50
.059
TYP
19.80
.780



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com