Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDH-R5A6-AA0A Datasheet(PDF) 4 Page - Amphenol Communications Solutions

Part # NDH-R5A6-AA0A
Description  NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASSY, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

NDH-R5A6-AA0A Datasheet(HTML) 4 Page - Amphenol Communications Solutions

  NDH-R5A6-AA0A Datasheet HTML 1Page - Amphenol Communications Solutions NDH-R5A6-AA0A Datasheet HTML 2Page - Amphenol Communications Solutions NDH-R5A6-AA0A Datasheet HTML 3Page - Amphenol Communications Solutions NDH-R5A6-AA0A Datasheet HTML 4Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5.28
.208
18.82
.741
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
SHEET
4 OF 4
C
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-NDH-R5AX-AXXA
NDH SERIES RJ HOOD WITH BULKHEAD
& PIGTAIL CABLE ASS'Y, IP67 RATING,
CAT 5e PERFORMANCE, PLUG TAB
DOWN, RoHS COMPLIANT
P. GOBUI
B
PRODUCT DRAWING (EAR 14988)
JAN14/22
K.L.
DWG SIZE:
DO NOT
SCALE
DRAWING
JAN14/22
JAN12/22
03554
X
X
EAR 14988
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
THIRD
ANGLE
PROJECTION
MILLIMETRES
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
GENERAL TOLERANCES
K. LAMBIE
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ANGULAR DEGREES
PRODUCT DRAWING (EAR 14988)
K.L.
NOV10/22
C
BULKHEAD
RJULE BOARD
CONNECTOR
SEE SHEET 1,
NOTE 7.
CUSTOMER PANEL
BULKHEAD OPENING
CENTERLINE
CUSTOMER
SUPPLIED
M3 X 0.5 X 6mm
LG SCREW
90.72
3.572
REF
9.00
.354
SUITABLE FOR
6mm THREAD
LENGTH
SEE NOTE
6.00
.236
28.75±0.30
1.132±.012
2.82±0.40
.111±.016
PCB LEVEL
MAY VARY
IF ALTERNATE
MODULAR JACK
IS USED.
0.6mm CENTERING OF THE BOARD
CONNECTOR WITH BULKHEAD
CAVITY
26.00
1.024
BULKHEAD PORT SPACING
APPLICATION VIEWS
APPLICATION NOTE:
IF A CAST OR MOULDED PANEL IS NOT DESIRED TO ACHIEVE A
BLIND HOLE SUITABLE FOR THE 6mm THREAD LENGTH, BLIND
SEALED PEM NUTS OR MOUNTING SCREWS WITH A BUILT IN O-
RING UNDER THE SEALING HEAD CAN ALSO BE USED TO
ACHIEVE A PROPER MOUNTING HOLE SEAL.
STEP 1
INSERT NDH RJ
HOOD / PLUG ASSEMBLY INTO
PANEL MOUNTED BULKHEAD
STEP 2
PUSH THE HOOD LOCK FORWARD
UNTIL ASSEMBLY SNAPS INTO POSITION.
TO UN-MATE, PULL THE HOOD LOCK BACKWARD
BEFORE PULLING ON THE HOOD / PLUG.
MATING PROCEDURE
RECOMENDED
PANEL LAYOUT
OUTSIDE PANEL VIEW
TOP OF PCB
POSITION BASED ON RJULE
JACK SHOWN ABOVE
M3 x 0.5 THREADED
BLIND HOLE (4 PLCS)
THREAD DEPTH 4.00 (.157)
TO SUIT SCREWS.
16.20
.638
16.20
.638
R1.50
.059
TYP
32.00
1.260
19.80
.780
1.80
.071
HOOD LOCK
BULKHEAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com