Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW2S-LED Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # AW2S-LED
Description  S-WEDGELOCK, 2 POSITION, LED, AT SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

AW2S-LED Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  AW2S-LED Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AW2S-LED
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
A
AW2S-LED
A2
11
D.PARKS
18/SEP/13
NONE
S-WEDGELOCK, 2 POSITION, LED, AT SERIES
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL: THERMOPLASTIC; COLOR: BLACK
2. RoHS COMPLIANT
3. CAVITIES: 2
4. KEYED: N/A
5. USE WITH CONNECTORS AT06-2S-LEDXX01
( XX = LED VOLTAGE RATING )
6. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
TITLE:
DWG NO:
REV:
SH:
OF:
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
1
1
A2
AW2S-LED
S-WEDGELOCK, 2 POSITION, LED, AT SERIES
RELEASE NEW DWG FORMAT
18/SEP/13
DRP
A2
14.2
11.5
15


Similar Part No. - AW2S-LED

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AW2S-B ASS-AW2S-B Datasheet
61Kb / 1P
S-WEDGELOCK, 2 POSITION, B - KEY, AT SERIES
Rev. A4
More results

Similar Description - AW2S-LED

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AW2S AMPHENOL-AW2S_V01 Datasheet
101Kb / 1P
S-WEDGELOCK, 2 POSITION, AT SERIES
A4
AW3S AMPHENOL-AW3S_V01 Datasheet
101Kb / 1P
S-WEDGELOCK, 3 POSITION, AT SERIES
A4
AW4S AMPHENOL-AW4S_V01 Datasheet
305Kb / 1P
S-WEDGELOCK, 4 POSITION, AT SERIES
A6
AW6S AMPHENOL-AW6S_V01 Datasheet
279Kb / 1P
S-WEDGELOCK, 6 POSITION, AT SERIES
A5
AW8S AMPHENOL-AW8S Datasheet
93Kb / 1P
S-WEDGELOCK, 8 POSITION, AT SERIES
A4
logo
Amphenol Sine Systems C...
AW12S ASS-AW12S Datasheet
66Kb / 1P
S-WEDGELOCK, 12 POSITION, AT SERIES
Rev. A4
AW2S-B ASS-AW2S-B Datasheet
61Kb / 1P
S-WEDGELOCK, 2 POSITION, B - KEY, AT SERIES
Rev. A4
AW2S ASS-AW2S Datasheet
101Kb / 1P
S-WEDGELOCK, 2 POSITION, AT SERIES
Rev. A4
AW3S ASS-AW3S Datasheet
101Kb / 1P
S-WEDGELOCK, 3 POSITION, AT SERIES
Rev. A4
AW8S ASS-AW8S Datasheet
93Kb / 1P
S-WEDGELOCK, 8 POSITION, AT SERIES
Rev. A4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com