Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS-402811-28SP Datasheet(PDF) 1 Page - CUI Devices

Part # CMS-402811-28SP
Description  SPEAKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMS-402811-28SP Datasheet(HTML) 1 Page - CUI Devices

  CMS-402811-28SP Datasheet HTML 1Page - CUI Devices CMS-402811-28SP Datasheet HTML 2Page - CUI Devices CMS-402811-28SP Datasheet HTML 3Page - CUI Devices CMS-402811-28SP Datasheet HTML 4Page - CUI Devices CMS-402811-28SP Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 08/05/2022
page 1 of 5
MODEL: CMS-402811-28SP | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 2 W
• miniature
• cloth cone
• solder terminals
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
max power: 1 minute on, 2 minutes off, 10 cycles
2.0
3.0
W
impedance
at 1.0 kHz, 1.0 Vrms
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 Vrms, 50 cm
360
450
540
Hz
frequency response
200
20,000
Hz
sound pressure level
at 1.0 W, 50 cm, avg at 1.0, 1.2, 1.5, 2.0 kHz
81
84
87
dB
distortion
at 1.0 kHz, 1.0 W
5
%
buzz, rattle, etc.
must be normal at sine wave, 0.2~2 kHz
4.0
V
polarity
cone moves forward w/ positive dc current to “+” terminal
dimensions
40.0 x 28.3 x 11.5
mm
magnet
Nd-Fe-B
frame material
ABS
cone material
cloth
terminal
solder terminals
weight
12.7
g
operating temperature
-20
60
°C
storage temperature
-30
70
°C
hand soldering
for maximum 3 seconds
380
°C
RoHS
yes
Notes:
1. All specifications measured at 15~35°C, humidity at 25~75%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CMS-402811-28SP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-402811-28SP CUI-CMS-402811-28SP Datasheet
493Kb / 5P
SPEAKER
More results

Similar Description - CMS-402811-28SP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com