Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVM-315R9345-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # XVM-315R9345-R
Description  PCBA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XVM-315R9345-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  XVM-315R9345-R Datasheet HTML 1Page - Eaton All Rights Reserved. XVM-315R9345-R Datasheet HTML 2Page - Eaton All Rights Reserved. XVM-315R9345-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 10937
Effective September 2019
XVM-315 Supercapacitor
PCBA Module
Description
Eaton supercapacitors are high reliability, high
power, ultra-high capacitance energy storage
devices utilizing electric double layer capacitor
(EDLC) construction combined with proprietary
materials and processes. This combination of
advanced technologies allows Eaton to offer a
wide variety of capacitor solutions tailored to
applications for backup power, pulse power and
hybrid power systems. 
They can be applied as the sole energy storage
or in combination with batteries to optimize cost,
life time and run time. System requirements can
range from a few watts to megawatts. 
All products feature low ESR for high power
density with environmentally friendly materials
for a green power solution. Eaton supercapacitors
are maintenance-free with design lifetimes up to
20 years* and operating temperatures down to
-40 °C and up to +85 °C.
Features and benefits
•
Energy storage module for ride-through power
•
Long life energy storage, up to 20 years*
•
Easy integration into rack based system
•
Wide operating temperature range
•
High voltage for maximum efficiency
•
High efficiency (>98%) under broad operating
conditions
•
High reliability, green solution
•
Low operating costs and maintenance free
Applications
•
UPS Backup power
•
Material handling systems
•
Peak power shaving, pulse power
HALOGEN
HF
FREE
* Supercapacitor lifetimes vary based on charge voltage and
temperature. See Eaton’s application guidelines or contact
your local Eaton sales representative for more information on
lifetime estimates.


Similar Part No. - XVM-315R9345-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XVM-16R2656-R COOPER-XVM-16R2656-R Datasheet
1Mb / 3P
16V Supercapacitor Module
logo
Eaton All Rights Reserv...
XVM-16R2656-R EATON-XVM-16R2656-R Datasheet
974Kb / 4P
16 V, 65 F module
XVM-259 EATON-XVM-259 Datasheet
414Kb / 3P
PCBA Module
June 2019
XVM-259R2425-R EATON-XVM-259R2425-R Datasheet
414Kb / 3P
PCBA Module
June 2019
XVM-259R2635-R EATON-XVM-259R2635-R Datasheet
414Kb / 3P
PCBA Module
June 2019
More results

Similar Description - XVM-315R9345-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GCC-1 ETC2-GCC-1 Datasheet
491Kb / 9P
GEMexpressTM is a universal TFT/OLED driver PCBA
logo
Coolgear Inc.
CG-MIC4P31H-PCBA COOLGEAR-CG-MIC4P31H-PCBA Datasheet
932Kb / 2P
4 Port USB 3.2 Gen 1 Micro Hub PCBA w/ ESD Surge Protection
Rev 05.220909
GM-HU34-PCBA COOLGEAR-GM-HU34-PCBA Datasheet
1Mb / 2P
4 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220701
GM-HU37-PCBA COOLGEAR-GM-HU37-PCBA Datasheet
1Mb / 2P
7 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220630
USBG-4U3MLR2-PCBA COOLGEAR-USBG-4U3MLR2-PCBA Datasheet
592Kb / 2P
4 Port USB 3.2 Gen 1 Powered Hub PCBA w/ ESD Surge Protection
Rev 05.220630
USBG-7U3ML-PCBA COOLGEAR-USBG-7U3ML-PCBA Datasheet
976Kb / 2P
7 Port USB 3.2 Gen 1 Hub PCBA w/ Surge Protection
Rev 05.220630
CG-10A33523-PCBA COOLGEAR-CG-10A33523-PCBA Datasheet
1Mb / 1P
10 Port GL 3523 Hub PCBA w/ LED Indicators & High Current Output
3/2/23
CG-PD200DS-PCBA COOLGEAR-CG-PD200DS-PCBA Datasheet
231Kb / 2P
ChargeIt! Mini 200W Dual Type-C PD Charger PCBA 100W Output
Rev 05.230315
CG-PDHV82W-PCBA COOLGEAR-CG-PDHV82W-PCBA Datasheet
180Kb / 2P
ChargeIT! Mini 82W USB Type-C PD Charger PCBA w/ 24~48V DC Input
Rev 05.230320
logo
Eaton All Rights Reserv...
XVM-259 EATON-XVM-259 Datasheet
414Kb / 3P
PCBA Module
June 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com