Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT5V19EE604 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDT5V19EE604
Description  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT5V19EE604 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDT5V19EE604 Datasheet HTML 17Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 18Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 19Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 20Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 21Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 22Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 23Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 24Page - Renesas Technology Corp IDT5V19EE604 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
IDT5V19EE604
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
21
IDT5V19EE604
REV M 092412
Programming Registers Table
Addr
Default
Register
Hex
Value
Bit #
Description
76
5
4
3
2
1
0
0x00
00
Reserved
HW/SW
Hardware/Software Mode control
HW/SW - 0=HW, 1=SW
0x01
00
Reserved
SEL[2:0]
SEL[2:0] - selects configuration in
SW mode
0x02
02
SP
OE6
OE5
OE4
OE3
OE2
OE1
OE0
OEx=Output Power Suspend
function for OUTx (‘1’=OUTx will be
suspended on SD/OE pin. Disable
mode is defined by OEMx bits),
‘0’=outputs enabled and no
association with OE pin (default).
0x03
02
Reserved
OS*[6:0]
OS*[6:0] - output suspend, active
low. Overwrites OE setting.
0x04
0F
SH
Reserved
PLLS*[3:0]
PLLS*[3:0] - PLL Suspend, active
low
SH - shutdown/OE configuration
0x05
04
Reserved
XTCLKSEL
XTCLKSEL - crystal/clock select.
0=Crytal, 1=ICLK
0x06
00
Reserved
XDRV[1:0]
Reserved
Crystal drive finetune
XDRV[1:0] - crystal drive strength
for VCXO
0x07
00
Reserved
XTAL[4:0]
XTAL[4:0] - crystal cap
0x08
00
GAIN[3:0]
OFFSET[3:0]
VCXO bits
0x09
00
Reserved
Reserved
0x0A
10
CZ0_CFG4
IP0[2:0]_CFG4
RZ0[3:0]_CFG4
PLL0 loop parameter
0x0B
10
CZ0_CFG5
IP0[2:0]_CFG5
RZ0[3:0]_CFG5
0x0C
10
CZ0_CFG0
IP0[2:0]_CFG0
RZ0[3:0]_CFG0
0x0D
10
CZ0_CFG1
IP0[2:0]_CFG1
RZ0[3:0]_CFG1
0x0E
10
CZ0_CFG2
IP0[2:0]_CFG2
RZ0[3:0]_CFG2
0x0F
10
CZ0_CFG3
IP0[2:0]_CFG3
RZ0[3:0]_CFG3
0x10
00
Reserved
D0[6:0]_CFG0
PLL0 input divider and input sell
D0[6:0] - 127 step Ref Div
D0 = 0 means power down.
0x11
00
Reserved
D0[6:0]_CFG1
0x12
00
Reserved
D0[6:0]_CFG2
0x13
00
Reserved
D0[6:0]_CFG3
0x14
00
Reserved
D0[6:0]_CFG4
0x15
00
Reserved
D0[6:0]_CFG5
0x16
01
N0[7:0]_CFG4
N - Feedback Divider
2 - 4095 (values of “0” and “1” are
not allowed) Total feedback with A,
using provided calculation
0x17
01
N0[7:0]_CFG5
0x18
01
N0[7:0]_CFG0
0x19
01
N0[7:0]_CFG1
0x1A
01
N0[7:0]_CFG2
0x1B
01
N0[7:0]_CFG3
0x1C
00
A0[3:0]_CFG0
N0[11:8]_CFG0
0x1D
00
A0[3:0]_CFG1
N0[11:8]_CFG1
0x1E
00
A0[3:0]_CFG2
N0[11:8]_CFG2
0x1F
00
A0[3:0]_CFG3
N0[11:8]_CFG3
0x20
00
A0[3:0]_CFG4
N0[11:8]_CFG4
0x21
00
A0[3:0]_CFG5
N0[11:8]_CFG5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com