Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBC Datasheet(PDF) 2 Page - Exxelia Group

Part # TBC
Description  Discoidal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TBC Datasheet(HTML) 2 Page - Exxelia Group

  TBC Datasheet HTML 1Page - Exxelia Group TBC Datasheet HTML 2Page - Exxelia Group TBC Datasheet HTML 3Page - Exxelia Group TBC Datasheet HTML 4Page - Exxelia Group TBC Datasheet HTML 5Page - Exxelia Group TBC Datasheet HTML 6Page - Exxelia Group TBC Datasheet HTML 7Page - Exxelia Group TBC Datasheet HTML 8Page - Exxelia Group TBC Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CERAMIC CAPACITORS
120
www.exxelia.com
Taping : dimensions
Page revised 02/21
Discoidal capacitors with NPO, X7R ceramics (BX and BR available on request)
feature unique frequency performance due to very low inductance inherent to
the configuration.
They are ideally suited to interconnect power amplifier stages through a
shielding wall (high impedance electronic circuits).
Silver-palladium terminations can be directly mounted on the metal surface of
the shielding wall.
Multiple lines can be filtered simultaneously using the BPM Series which con-
sist of multiple capacitors in the same component. These capacitors can have
the same or different values. EXXELIA expertise and flexible manufacturing
processes enable a wide range of arrays: custom configuration or geometry.
Consult our Engineering team to support your design requirements.
Another version (option T) featuring central conductor configuration (illus-
trated below) enables to get rid of thermal and mechanical shocks inherent
to lead soldering. This also eliminates the risks of plating deterioration during
the soldering process.
At last 2 lines can be filtered simultaneously using the BPM 12 or BPM 22
which consists of two capacitors in the same component (4 lines with the
BPM24 or BPM224). These capacitors can have the same or different values
(consult us).
NPO: TYPICAL ATTENUATION CURVE VERSUS FREQUENCY
(50Ω IMPEDANCE)
X7R: TYPICAL ATTENUATION CURVE VERSUS FREQUENCY
(50Ω IMPEDANCE)
0
10
20
30
40
50
60
70
0.001
0.01
0.1
1
10
100
Attenuation (dB)
Frequency (GHz)
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
1000
Attenuation (dB)
Frequency (MHz)
Ag -Pd termination
Ø 0,8
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com