Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF Datasheet(PDF) 2 Page - Exxelia Group

Part # TCF
Description  High Voltage Conformal Coated Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCF Datasheet(HTML) 2 Page - Exxelia Group

  TCF Datasheet HTML 1Page - Exxelia Group TCF Datasheet HTML 2Page - Exxelia Group TCF Datasheet HTML 3Page - Exxelia Group TCF Datasheet HTML 4Page - Exxelia Group TCF Datasheet HTML 5Page - Exxelia Group TCF Datasheet HTML 6Page - Exxelia Group TCF Datasheet HTML 7Page - Exxelia Group TCF Datasheet HTML 8Page - Exxelia Group TCF Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CERAMIC CAPACITORS
55
www.exxelia.com
General characteristics
Page revised 02/21
High Voltage Conformal Coated Leaded Capacitors
TCF Series
STANDARD RATINGS
Exxelia
size code
78
79
90
80
91
81
82
L max.
0.249
(6.3)
0.256
(6.5)
0.256
(6.5)
0.315
(8)
0.319
(8.1)
0.394
(10)
0.414
(10.5)
W max.
0.229
(5.8)
0.237
(6)
0.355
(9)
0.355
(9)
0.355
(9)
0.355
(9)
0.453
(11.5)
T max.
0.205
(5.2)
0.197
(5)
0.197
(5)
0.197
(5)
0.2kV up to 3kV: 0.237
(6)
4kV-5kV: 0.276 (7)
0.2kV up to 3kV: 0.237
(6)
4kV: 0.276 (7)
5kV: 0.315 (8)
0.2kV up to 3kV: 0.237
(6)
4kV: 0.276 (7)
5kV: 0.315 (8)
Ø ± 10%
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
0.031
(0.8)
0.031
(0.8)
X
0.2 ± 0.02
(5.08 ± 0.5)
0.2 ± 0.012
(5.08 ± 0.3)
0.2 ± 0.012
(5.08 ± 0.3)
0.2 ± 0.012
(5.08 ± 0.3)
0.2 ± 0.012
(5.08 ± 0.3)
0.3 ± 0.012
(7.62 ± 0.3)
0.4 ± 0.012
(10.16 ± 0.3)
Dielectric
NPO
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
Exxelia ceramic code
12142142142142142142
Min. Capacitance value
12pF
120pF
10pF
27pF 100pF 10pF
33pF
150pF
10pF
33pF
150pF
15pF
47pF
150pF
18pF
56pF 150pF
33pF
82pF 330pF
0.2kV
Standard
-
-
5.6nF 120nF 220nF 12nF 220nF 470nF
12nF 220nF 390nF 15nF 330nF 560nF 18nF 390nF 820nF 33nF 680nF 1.5
µF
Extended
-
-
18nF
-
470nF 27nF
-
-
22nF
-
1
µF
39nF
-
-
56nF
-
1.8
µF 100nF
-
2.7
µF
0.5kV
Standard
-
-
3.3nF
22nF
47nF
6.8nF
47nF 100nF 5.6nF
47nF 100nF 6.8nF
68nF 150nF 8.2nF
82nF 220nF 22nF 120nF 390nF
Extended
-
-
10nF
39nF 150nF 18nF
68nF
-
18nF
68nF 270nF 22nF 100nF
-
27nF
120nF 560nF 68nF 220nF
1
µF
1kV
Standard
-
-
1.8nF 6.8nF
15nF
2.7nF
12nF
24nF
2.2nF
12nF
22nF
3.3nF
18nF
33nF
3.9nF
22nF
47nF
10nF
39nF
68nF
Extended
820pF
12nF
5.6nF
10nF
27nF
8.2nF
15nF
-
6.8nF
15nF
56nF
10nF
22nF
-
12nF
27nF
120nF 33nF
56nF 220nF
1.5kV
Standard
-
-
820pF 2.7nF 5.6nF 1.2nF 5.6nF
10nF
1.5nF 5.6nF
10nF
2.2nF 8.2nF
15nF
2.7nF
10nF
18nF
4.7nF
18nF
33nF
Extended
-
-
1.5nF 3.9nF
12nF
2.2nF 8.2nF
-
2.2nF 6.8nF
22nF
3.3nF
12nF
-
4.7nF
15nF
47nF
8.2nF
27nF
82nF
2kV
Standard
-
-
390pF 1.5nF 3.3nF 680pF 2.7nF 5.6nF 470pF 2.7nF 5.6nF 820pF 4.7nF 6.8nF 1.2nF 5.6nF
10nF
3.3nF
10nF
18nF
Extended
470pF 2.7nF 820pF 2.2nF 5.6nF 1.2nF 3.9nF
-
1nF
3.9nF
12nF
1.8nF 6.8nF
-
2.7nF 8.2nF
27nF
6.8nF
15nF
47nF
3kV
Standard
-
-
180pF 680pF 1.2nF 180pF 1.2nF 2.2nF 220pF 1.2nF 2.2nF 330pF 1.8nF 3.3nF 470pF 2.2nF 3.9nF 820pF 3.9nF 6.8nF
Extended
220pF
1nF
390pF
1nF
2.7nF 680pF 1.8nF
-
470pF 1.8nF
4.7nF 820pF 2.7nF
-
1nF
3.3nF
12nF
1.8nF 5.6nF
22nF
4kV
Standard
-
-
100pF 330pF 680pF 120pF 680pF
1nF
150pF 820pF 1.2nF 220pF 1.2nF 1.8nF 390pF 1.5nF 2.7nF 680pF 3.3nF 4.7nF
Extended
150pF 470pF 220pF 560pF
-
330pF
1nF
-
330pF 1.2nF 2.2nF 680pF 1.8nF
-
820pF 2.2nF 4.7nF
1.5nF
4.7nF
10nF
5kV
Standard
-
-
-
-
-
-
-
-
100pF 560pF 820pF 150pF 820pF
1nF
270pF
1nF
1.8nF 470pF 2.2nF 3.3nF
Extended
-
-
-
-
-
-
-
-
220pF 820pF 1.5nF 320pF 1.2nF
-
560pF 1.5nF 3.3nF
1nF
2.7nF 6.8nF
Available capacitance values:
NPO, C4xx dielectrics: E6, E12, E24 (see page 14). Specific values upon request.
X7R dielectric: E6, E12 in standard (see page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.
LT
X
Ø
DIMENSIONS in inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com