Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG197/X Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BFG197/X
Description  NPN 7 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG197/X Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BFG197/X Datasheet HTML 5Page - NXP Semiconductors BFG197/X Datasheet HTML 6Page - NXP Semiconductors BFG197/X Datasheet HTML 7Page - NXP Semiconductors BFG197/X Datasheet HTML 8Page - NXP Semiconductors BFG197/X Datasheet HTML 9Page - NXP Semiconductors BFG197/X Datasheet HTML 10Page - NXP Semiconductors BFG197/X Datasheet HTML 11Page - NXP Semiconductors BFG197/X Datasheet HTML 12Page - NXP Semiconductors BFG197/X Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
1995 Sep 13
11
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG197; BFG197/X;
BFG197/XR
SPICE parameters for BFQ195 crystal
Note
1. These parameters have not been extracted,
the default values are shown.
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
1.972
fA
2
BF
150.0
−
3
NF
990.8
m
4
VAF
54.72
V
5
IKF
30.00
A
6
ISE
47.82
fA
7
NE
1.580
−
8
BR
165.4
−
9
NR
993.9
m
10
VAR
2.351
V
11
IKR
9.967
A
12
ISC
3.510
aA
13
NC
1.124
−
14
RB
5.000
Ω
15
IRB
1.000
µA
16
RBM
5.000
Ω
17
RE
368.1
m
Ω
18
RC
937.2
m
Ω
19 (note 1)
XTB
0.000
−
20 (note 1)
EG
1.110
EV
21 (note 1)
XTI
3.000
−
22
CJE
3.388
pF
23
VJE
600.0
mV
24
MJE
302.9
m
25
TF
11.06
ps
26
XTF
30.02
−
27
VTF
1.649
V
28
ITF
401.9
mA
29
PTF
0.000
deg
30
CJC
1.190
pF
31
VJC
160.1
mV
32
MJC
89.44
m
33
XCJC
130.0
m
34
TR
2.148
ns
35 (note 1)
CJS
0.000
F
36 (note 1)
VJS
750.0
mV
37 (note 1)
MJS
0.000
−
38
FC
785.9
m
List of components (see Fig.22)
DESIGNATION
VALUE
UNIT
Cbe
84
fF
Ccb
17
fF
Cce
191
fF
L1
0.12
nH
L2
0.21
nH
L3
0.06
nH
LB
0.95
nH
LE
0.40
nH
Fig.22 Package equivalent circuit SOT143;
SOT143R.
QLB = 50; QLE = 50.
QLB,E (f) = QLB,E √ (f/Fc).
Fc = scaling frequency = 1000 MHz.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com