Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT543AT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT543AT
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT543AT Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT543AT Datasheet HTML 1Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 2Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 3Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 4Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 5Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 6Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 7Page - Renesas Technology Corp 74FCT543AT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
2
74FCT543AT/CT
FASTCMOSOCTALLATCHEDTRANSCEIVER
Feb.11.20
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
TOP VIEW
2
3
1
20
19
18
15
16
9
10
A6
A7
B6
B7
23
22
24
21
17
5
6
7
4
8
A1
OEBA
A0
VCC
A2
A5
A3
A4
CEBA
B2
B0
B1
B3
B4
B5
LEBA
13
14
11
12
CEAB
GND
LEAB
OEAB
PIN DESCRIPTION
Pin Names
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Enable Input (Active LOW)
CEBA
B-to-A Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input (Active LOW)
LEBA
B-to-A Latch Enable Input (Active LOW)
A0–A7
A-to-BDataInputsorB-to-A3-StateOutputs
B0–B7
B-to-ADataInputsorA-to-B3-StateOutputs
PackageType
PackageCode
Order Code
QSOP
PCG24
QG
SOIC
PSG24
SOG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com