Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9381 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC9381
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9381 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC9381 Datasheet HTML 5Page - NXP Semiconductors P89LPC9381 Datasheet HTML 6Page - NXP Semiconductors P89LPC9381 Datasheet HTML 7Page - NXP Semiconductors P89LPC9381 Datasheet HTML 8Page - NXP Semiconductors P89LPC9381 Datasheet HTML 9Page - NXP Semiconductors P89LPC9381 Datasheet HTML 10Page - NXP Semiconductors P89LPC9381 Datasheet HTML 11Page - NXP Semiconductors P89LPC9381 Datasheet HTML 12Page - NXP Semiconductors P89LPC9381 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
P89LPC9381_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2006
9 of 60
Philips Semiconductors
P89LPC9381
8-bit microcontroller with 10-bit ADC
[1]
Input/output for P1[0] to P1[4], P1[6], P1[7]. Input for P1[5].
P3[1:0]
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 3 pins as inputs and outputs depends upon the
port configuration selected. Each port pin is configured independently. Refer to
Section 7.13.1 “Port configurations” and Table 10 “Static characteristics” for
details.
All pins have Schmitt triggered inputs.
Port 3 also provides various special functions as described below:
P3[0]/XTAL2/
CLKOUT
9
I/O
P3[0] — Port 3 bit 0.
O
XTAL2 — Output from the oscillator amplifier (when a crystal oscillator option is
selected via the flash configuration.
O
CLKOUT — CPU clock divided by 2 when enabled via SFR bit (ENCLK -TRIM.6).
It can be used if the CPU clock is the internal RC oscillator, watchdog oscillator or
external clock input, except when XTAL1/XTAL2 are used to generate clock source
for the RTC/system timer.
P3[1]/XTAL1
8
I/O
P3[1] — Port 3 bit 1.
I
XTAL1 — Input to the oscillator circuit and internal clock generator circuits (when
selected via the flash configuration). It can be a port pin if internal RC oscillator or
watchdog oscillator is used as the CPU clock source, and if XTAL1/XTAL2 are not
used to generate the clock for the RTC/system timer.
VSS
7I
ground: 0 V reference.
VDD
21
I
power supply: This is the power supply voltage for normal operation as well as
Idle and Power-down modes.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com