Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 9Page - STMicroelectronics L9958 Datasheet HTML 10Page - STMicroelectronics L9958 Datasheet HTML 11Page - STMicroelectronics L9958 Datasheet HTML 12Page - STMicroelectronics L9958 Datasheet HTML 13Page - STMicroelectronics L9958 Datasheet HTML 14Page - STMicroelectronics L9958 Datasheet HTML 15Page - STMicroelectronics L9958 Datasheet HTML 16Page - STMicroelectronics L9958 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID17269 Rev 6
13/38
L9958
Device description
37
Table 7. Configuration protocol (CFG_REG)
Bit
Name
Description
Config. value
after reset
0 - LSB
RES
Reserved
1
DR
Diagnostic Reset Bit
0
2
CL_1
Bit1 for Regulation Current Level
0
3
CL_2
Bit2 for Regulation Current Level
1
4
RES
Reserved
5
RES
Reserved
6
RES
Reserved
7
RES
Reserved
8
VSR
Voltage Slew Rate Control Value
0
9
ISR
Current Slew Rate Control Value
0
10
ISR_DIS
Current Slew Rate Control Disable
0
11
OL_ON
Open Load in ON state Enable
0
12
RES
Reserved
13
RES
Reserved
14
0
“0” to be written
15-MSB
0
“0” to be written
Table 8. Diagnosis protocol (DIA_REG)
Bit
Name
Description
Status after
reset
Bit state
DR impact
H-bridge
status
0-LSB
OL_OFF
Open Load in OFF condition
0
Latched
1
OL_ON
Open Load in ON condition
0
Latched
2
VS_UV
Vs undervoltage
0
Not latched
Hi-Z if “1”
3
VDD_OV
Vdd overvoltage
0
Latched
X
Hi-Z if “1”
4
ILIM
Current Limitation reached
0
Latched
5
TWARN
Temperature warning
0
Latched
6
TSD
Over-temperature Shutdown
0
Latched
X
Hi-Z if “1”
7
ACT
Bridge enable
1
Not latched
Hi-Z if “0”
8
OC_LS1
Over-Current on Low Side 1
0
Latched
X
Hi-Z if “1”
9
OC_LS2
Over-Current on Low Side 2
0
Latched
X
Hi-Z if “1”
10
OC_HS1
Over-Current on High Side 1
0
Latched
X
Hi-Z if “1”
11
OC_HS2
Over-Current on High Side 2
0
Latched
X
Hi-Z if “1”
12
Null
Not Used
13
Null
Not Used
14
SGND_OFF
Short to GND in OFF condition
0
Latched
15-MSB
SBAT_OFF
Short to Battery in OFF condition
0
Latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com