Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1176-1ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1176-1ARMZ-R7
Description  Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1176-1ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1176-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1176-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADM1176
Rev. 0 | Page 11 of 24
120
80
85
90
95
100
105
110
115
218
0
1000
900
800
700
600
500
400
300
200
100
CODE
16
14
12
10
8
6
4
VCC (V)
2047
2048
2049
2050
2046
Figure 22. Circuit Breaker Limit Voltage vs. Supply Voltage
110
90
92
94
96
98
100
102
104
106
108
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
VOCTIM
VLIM
VOCFAST
Figure 23. VOCTIM, VLIM, VOCFAST vs. Temperature
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–35
–30
–25
–20
–15
–10
–5
0
5
10
I (A0/A1) (µA)
11 DECODE
10 DECODE
01 DECODE 00 DECODE
Figure 24. Address Pin Voltage vs. Address Pin Current
for Four Addressing Options
Figure 25. ADC Noise, Current Channel, Midcode Input, 1000 Reads
0
1000
900
800
700
600
500
400
300
200
100
CODE
780
781
782
783
779
Figure 26. ADC Noise, 14:1 Voltage Channel, 5 V Input, 1000 Reads
0
1000
900
800
700
600
500
400
300
200
100
CODE
3079
3080
3081
3082
3078
Figure 27. ADC Noise, 7:1 Voltage Channel, 5 V Input, 1000 Reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com