Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24071 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24071
Description  SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24071 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ24071 Datasheet HTML 17Page - Texas Instruments BQ24071 Datasheet HTML 18Page - Texas Instruments BQ24071 Datasheet HTML 19Page - Texas Instruments BQ24071 Datasheet HTML 20Page - Texas Instruments BQ24071 Datasheet HTML 21Page - Texas Instruments BQ24071 Datasheet HTML 22Page - Texas Instruments BQ24071 Datasheet HTML 23Page - Texas Instruments BQ24071 Datasheet HTML 24Page - Texas Instruments BQ24071 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
Selecting the Input and Output Capacitors
Thermal Considerations
q
JA +
T
J * TA
P
(9)
P + VIN * VOUT
I
OUT ) IBAT
) VOUT * VBAT
I
BAT
(10)
bq24070
bq24071
SLUS694B – MARCH 2006 – REVISED AUGUST 2006
In most applications, all that is needed is a high-frequency decoupling capacitor on the input. A 0.1-µF ceramic
capacitor, placed in close proximity to IN to VSS pins, works well. In some applications depending on the power
supply characteristics and cable length, it may be necessary to add an additional 10-µF ceramic capacitor to the
input.
The bq24070/1 only requires a small output capacitor for loop stability. A 0.1-µF ceramic capacitor placed
between the OUT and VSS pin is typically sufficient.
It is recommended to install a minimum of 33-µF capacitor between the BAT pin and VSS (in parallel with the
battery). This ensures proper hot plug power up with a no-load condition (no system load or battery attached).
The bq24070/1 is packaged in a thermally enhanced MLP package. The package includes a QFN thermal pad
to provide an effective thermal contact between the device and the printed-circuit board (PCB). Full PCB design
guidelines for this package are provided in the application note entitled QFN/SON PCB Attachment (SLUA271).
The power pad should be tied to the VSS plane. The most common measure of package thermal performance is
thermal impedance (
θ
JA) measured (or modeled) from the chip junction to the air surrounding the package
surface (ambient).
The mathematical expression for
θ
JA is:
where
TJ = chip junction temperature
TA = ambient temperature
P = device power dissipation
Factors that can greatly influence the measurement and calculation of
θ
JA include:
•
whether or not the device is board mounted
•
trace size, composition, thickness, and geometry
•
orientation of the device (horizontal or vertical)
•
volume of the ambient air surrounding the device under test and airflow
•
whether other surfaces are in close proximity to the device being tested
The device power dissipation, P, is a function of the charge rate and the voltage drop across the internal power
FET. It can be calculated from Equation 10:
Due to the charge profile of Li-xx batteries, the maximum power dissipation is typically seen at the beginning of
the charge cycle when the battery voltage is at its lowest. See Figure 1. Typically the Li-ion battery's voltage
quickly (< 2 V minutes) ramps to approximately 3.5 V, when entering fast charge (1-C charge rate and battery
above 3 V). Therefore, it is customary to perform the steady-state thermal design using 3.5 V as the minimum
battery voltage because the system board and charging device does not have time to reach a maximum
temperature due to the thermal mass of the assembly during the early stages of fast charge. This theory is
easily verified by performing a charge cycle on a discharged battery while monitoring the battery voltage and
chargers power pad temperature.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com