Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L1632 Datasheet(PDF) 11 Page - AMIC Technology

Part # A43L1632
Description  512K X 32 Bit X 4 Banks Synchronous DRAM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L1632 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A43L1632 Datasheet HTML 7Page - AMIC Technology A43L1632 Datasheet HTML 8Page - AMIC Technology A43L1632 Datasheet HTML 9Page - AMIC Technology A43L1632 Datasheet HTML 10Page - AMIC Technology A43L1632 Datasheet HTML 11Page - AMIC Technology A43L1632 Datasheet HTML 12Page - AMIC Technology A43L1632 Datasheet HTML 13Page - AMIC Technology A43L1632 Datasheet HTML 14Page - AMIC Technology A43L1632 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
A43L1632
PRELIMINARY
(December, 2004, Version 0.0)
10
AMIC Technology, Corp.
Simplified Truth Table
Command
CKEn-1 CKEn
CS
RAS CAS
WE
DQM BS0
BS1
A10
/AP
A9~A0,
Notes
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Addr.
4
Auto Precharge Disable
L
4
Read &
Column Addr. Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Addr.
4,5
Auto Precharge Disable
L
4
Write &
Column Addr. Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Addr.
4,5
Burst Stop
H
X
L
H
H
L
X
X
Bank Selection
V
L
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
L
H
H
H
Entry
H
L
H
X
X
X
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
L
H
H
H
Entry
H
L
H
X
X
X
X
L
V
V
V
Precharge Power Down Mode
Exit
L
H
H
X
X
X
X
X
DQM
H
X
V
X
6
L
H
H
H
No Operation Command
H
X
H
X
X
X
X
X
Deep Power Down Entry
H
L
L
H
H
L
X
X
Deep Power Down Exit
L
H
X
X
X
X
X
X
7
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Note :
1. OP Code: Operand Code
A0~A10, BS0, BS1: Program keys. (@MRS)
2. MRS can be issued only when all banks are at precharge state.
A new command can be issued after 2 clock cycle of MRS.
3. Auto refresh functions is same as CBR refresh of DRAM.
The automatical precharge without Row precharge command is meant by “Auto”.
Auto/Self refresh can be issued only when all banks are at precharge state.
4. BS0, BS1 : Bank select address.
If both BS1 and BS0 are “Low” at read, write, row active and precharge, bank A is selected.
If both BS1 is “Low” and BS0 is “High” at read, write, row active and precharge, bank B is selected.
If both BS1 is “High” and BS0 is “Low” at read, write, row active and precharge, bank C is selected.
If both BS1 and BS0 are “High” at read, write, row active and precharge, bank D is selected.
If A10/AP is “High” at row precharge, BS1 and BS0 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command cannot be issued.
Another bank read/write command can be issued at every burst length.
6. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0)
but masks the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2)
7. After Deep Power Down mode exit, a full new initialization of the memory device is mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com