Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG505/X Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BFG505/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG505/X Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BFG505/X Datasheet HTML 7Page - NXP Semiconductors BFG505/X Datasheet HTML 8Page - NXP Semiconductors BFG505/X Datasheet HTML 9Page - NXP Semiconductors BFG505/X Datasheet HTML 10Page - NXP Semiconductors BFG505/X Datasheet HTML 11Page - NXP Semiconductors BFG505/X Datasheet HTML 12Page - NXP Semiconductors BFG505/X Datasheet HTML 13Page - NXP Semiconductors BFG505/X Datasheet HTML 14Page - NXP Semiconductors BFG505/X Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Oct 02
11
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG505W; BFG505W/X
SPICE parameters for the BFG505W(/X) die
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
134.1
aA
2
BF
180.0
−
3
NF
0.988
−
4
VAF
38.34
V
5
IKF
150.0
mA
6
ISE
27.81
fA
7
NE
2.051
−
8
BR
55.19
−
9
NR
0.982
−
10
VAR
2.459
V
11
IKR
2.920
mA
12
ISC
17.45
aA
13
NC
1.062
−
14
RB
20.00
Ω
15
IRB
1.000
µA
16
RBM
20.00
Ω
17
RE
1.171
Ω
18
RC
4.350
Ω
19 (1)
XTB
0.000
−
20 (1)
EG
1.110
eV
21 (1)
XTI
3.000
−
22
CJE
284.7
fF
23
VJE
600.0
mV
24
MJE
0.303
−
25
TF
7.037
ps
26
XTF
12.34
−
27
VTF
1.701
V
28
ITF
30.64
mA
29
PTF
0.000
deg
30
CJC
242.4
fF
31
VJC
188.6
mV
32
MJC
0.041
−
33
XCJC
0.130
−
34
TR
1.332
ns
35 (1)
CJS
0.000
F
Note
1. These parameters have not been extracted, the
default values are shown.
List of components (see Fig.20)
36 (1)
VJS
750.0
mV
37 (1)
MJS
0.000
−
38
FC
0.897
−
DESIGNATION
VALUE
UNIT
Cbe
70
fF
Ccb
50
fF
Cce
115
fF
L1
0.34
nH
L2
0.10
nH
L3
0.25
nH
LB
0.40
nH
LE
0.40
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
QLB = 50; QLE = 50; QLB,E(f) = QLB,E√(f/fc)
fc = scaling frequency = 1 GHz.
Fig.20 Package equivalent circuit SOT343N.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com