Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9000A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9000A
Description  Ethernet Controller with General Processor Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9000A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9000A Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9000A Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DM9000A
Ethernet Controller with General Processor Interface
Preliminary datasheet
21
Version: DM9000A-DS-P03
Apr. 21, 2005
4
ONEPM
PH0,RW
One Packet Mode
When set, only one packet transmit command can be issued before transmit
completed.
When cleared, at most two packet transmit command can be issued before
transmit completed.
3~0
IFGS
PH0,RW
Inter-Frame Gap Setting
0XXX: 96-bit
1000: 64-bit
1001: 72-bit
1010:80-bit
1011:88-bit
1100:96-bit
1101:104-bit
1110: 112-bit
1111:120-bit
6.26 Operation Test Control Register ( 2EH )
Bit
Name
Default
Description
7~6
SCC
PH0,RW
System Clock Control
Set the internal system clock.
00: 50Mhz
01: 20MHz
10: 100MHz
11: Reserved
5
RESERVED
PH0,RW
Reserved
4
SOE
PH0,RW
Internal SRAM Output-Enable Always ON
3
SCS
PH0,RW
Internal SRAM Chip-Select Always ON
2~0
PHYOP
PH0,RW
Internal PHY operation mode for testing
6.27 Special Mode Control Register ( 2FH )
Bit
Name
Default
Description
7
SM_EN
PH0,RW
Special Mode Enable
6~3
RESERVED
PH0,RW
Reserved
2
FLC
PH0,RW
Force Late Collision
1
FB1
PH0,RW
Force Longest Back-off time
0
FB0
PH0,RW
Force Shortest Back-off time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com