Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBAS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CYT4DNJBAS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBAS Datasheet(HTML) 2 Page - Infineon Technologies AG

  CYT4DNJBAS Datasheet HTML 1Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 2Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 3Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 4Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 5Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 6Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 7Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 8Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 209 page
background image
Datasheet
2
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Features
• CPU subsystem
- Two 320-MHz 32-bit Arm® Cortex®-M7 CPUs, each with
• Single-cycle multiply
•Single/double-precision floating point unit (FPU)
• 16-KB data cache, 16-KB instruction cache
• Memory protection unit (MPU)
• 64-KB instruction and 64-KB data Tightly-Coupled Memories (TCM)
- One 100-MHz 32-bit Arm® Cortex®-M0+ CPU with
• Single-cycle multiply
• Memory protection unit
- Inter-processor communication in hardware
- Three DMA controllers
• Peripheral DMA controller #0 (P-DMA0) with 76 channels
• Peripheral DMA controller #1 (P-DMA1) with 84 channels
• Memory DMA (AHB) controller (M-DMA0) with 8 channels
• Memory DMA (AXI) controller (M-DMA1) with 4 channels
• Integrated memories
- 6336-KB code-flash with an additional 128-KB of work-flash
• Read-While-Write (RWW) allows updating the code-flash/work-flash while executing from it
• Single- and dual-bank modes (specifically for Firmware update Over The Air [FOTA])
• Flash programming through SWD/JTAG interface
- 640-KB of SRAM with selectable retention granularity
• Crypto engine[1]
- Supports Enhanced Secure Hardware Extension (eSHE) and Hardware Security Module (HSM)
- Secure boot and authentication
• Using digital signature verification[1]
•Using fast secure boot
- AES: 128-bit blocks, 128-/192-/256-bit keys
-3DES[1]: 64-bit blocks, 64-bit key
-Vector unit[1] supporting asymmetric key cryptography such as Rivest-Shamir-Adleman (RSA) and Elliptic
Curve (ECC)
- SHA-1/2/3[1]: SHA-512, SHA-256, SHA-160 with variable length input data
-CRC[1]: supports CCITT CRC16 and IEEE-802.3 CRC32
- True random number generator (TRNG) and pseudo random number generator (PRNG)
- Galois/Counter Mode (GCM)
• Functional safety for ASIL-B
- Memory protection unit (MPU)
- Shared memory protection unit (SMPU)
- Peripheral protection unit (PPU)
-Watchdog timer (WDT)
- Multi-counter watchdog timer (MCWDT)
-Low-voltage detector (LVD)
-Brown-out detection (BOD)
- Over-voltage detection (OVD)
-Overcurrent detection (OCD)
-Clock supervisor (CSV)
• Supported in all power modes
- Hardware error correction (SECDED ECC) on all safety-critical memories (SRAM, flash, TCM)
Note
1. The Crypto engine features are available on select MPNs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com