Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBES Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYT4DNJBES
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBES Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYT4DNJBES Datasheet HTML 17Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 18Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 19Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 20Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 21Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 22Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 23Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 24Page - Infineon Technologies AG CYT4DNJBES Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 209 page
background image
Datasheet
21
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.5.1
GPIOs
Three types of GPIOs are supported:
• GPIO_STD, GPIO_ENH, and GPIO_SMC
These implement the following:
• Configurable input threshold (CMOS, TTL, or Automotive)
• Hold mode for latching previous state (used for retaining the I/O state in DeepSleep mode)
• Analog input mode (input and output buffers disabled)
• Edge-triggered interrupts on rising edge, falling edge, or on both the edges, on pin basis
3.5.1.1
GPIO Standard (GPIO_STD)
Supports standard automotive signaling across the 2.7-V to 5.5-V VDDIO range. GPIO Standard I/Os have multiple
configurable drive levels, drive modes, and selectable input levels.
3.5.1.2
GPIO Enhanced (GPIO_ENH)
Supports extended functionality automotive signaling across the 2.7-V to 5.5-V VDDIO range with higher currents
at lower voltages (full I2C timing support, slew-rate control).
3.5.1.3
GPIO SMC (GPIO_SMC)
Provides significant drive strength compared to GPIO_STD and GPIO_ENH (supports 30-mA drive).
3.5.2
HSIO
These I/Os are optimized exclusively for high-speed signaling and do not support slew-rate control, DeepSleep
operation, POR mode control, analog connections, or non-CMOS signaling levels. HSIO support programmable
drive strength. They are available only in Active mode.
3.5.2.1
HSIO Standard (HSIO_STD)
Supports clocking and signaling up to 125 MHz. Supports high-speed peripherals such as Graphics input/output.
Also supports holding state during DeepSleep mode.
3.5.2.2
HSIO Standard Low Noise (HSIO_STDLN)
This I/O supports clocking and signaling up to 133 MHz. Supports high-speed peripherals such as Graphics
input/output, and Ethernet. Also supports holding state during DeepSleep mode. Low noise version optimizes
the noise generated by having specific modes for each interface support.
3.5.2.3
HSIO Enhanced (HSIO_ENH)[18]
Supports clocking and signaling up to 166 MHz. Supports high-speed peripherals such as QSPI and xSPI.
3.5.2.4
HSIO Enhanced Differential (HSIO_ENH_PDIFF)[18]
Supports clocking and signaling up to 200 MHz, to output SMIF clocks (normal and inverted).
3.5.3
Port nomenclature
Px.y describes a particular bit “y” available within an I/O port “x.”
For example, P4.2 reads “port 4, bit 2”.
3.5.4
Smart I/O
Smart I/O allows Boolean operations on signals going to the I/O from the subsystems of the chip or on signals
coming into the chip. CYT4DN has one Smart I/O block. Operation can be synchronous or asynchronous and the
blocks operate in all device power modes except for the Hibernate mode.
Note
18.VDDIO_SMIF_HV provides the supply for the HSIO_ENH and HSIO_ENH_PDIFF pre-drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com