Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBFS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYT4DNJBFS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBFS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYT4DNJBFS Datasheet HTML 9Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 10Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 11Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 12Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 13Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 14Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 15Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 16Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 209 page
background image
Datasheet
13
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Functional description
3.2.3
PMIC control module[9]
An internal PMIC module is available to control an external PMIC. The PMIC control module manages the handoff
between the internal active regulator, used only for boot, and the external PMIC.
Both the core internal and external PMIC require an external bulk storage capacitor connected to the VCCD pin.
This capacitor provides charge under the dynamic loads of the low-voltage core transistors.
Figure 3-1
Sample PMIC control interface
3.2.4
Clock system
The CYT4DN clock system provides clocks to all subsystems that require them, and glitch-free switching between
different clock sources. In addition, the clock system ensures that no metastable conditions occur.
The clock system for CYT4DN consists of the 8-MHz IMO, two ILOs, four watchdog timers, eight PLLs, an FLL, five
clock supervisors (CSV), a 7.2- to 33.34-MHz ECO, a 3.99- to 8.01-MHz LPECO, and a 32.768-kHz WCO.
The clock system supports three main clock domains: CLK_HF, CLK_SLOW, and CLK_LF.
• CLK_HFx are the Active mode clocks. Each can use any of the high frequency clock sources including IMO,
EXT_CLK, ECO, LPECO, FLL, or PLL
• CLK_SLOW provides a reference clock for the Cortex®-CM0+ CPU, Crypto, P-/M-DMA, and other slow infra-
structure blocks of CPU subsystem
• CLK_LF is a DeepSleep domain clock and provides a reference clock for the MCWDT or RTC modules. The
reference clock for the CLK_LF domain is either disabled or selectable from ILO0, ILO1, or WCO.
Table 3-1
CLK_HF destinations
Name
Description
CLK_HF0
CPUSS (Memories, CLK_SLOW, Peripherals)
CLK_HF1
CPUSS (Cortex®-M7 CPU 0, 1)
CLK_HF2
CAN FD, CXPI, LIN, SCB, SAR
CLK_HF3
Event Generator, Clock output (CLK_EXT)
VCCD
PMIC_EN
PMIC_STATUS
Switching node
VDDD
Power Good
(PG)
Enable
(EN)
2.7V – 5.5V Power rail
Vin
External
PMIC
Power Good
TRAVEOTM T2G
Core supply rail
VDDD or PMIC_EN
- PMIC EN pin polarity is HIGH for enable. PMIC PG pin polarity is HIGH for power good.
- If EN pin of PMIC does not have the internal pull-down resistor, an external pull-down resistor must be placed to keep the PMIC disabled during power-on reset.
- See the Electrical Specifications section for more details on CS1.
CS1
Note
9. While CYT4DN can control various external PMICs, it is verified to work with both the Cypress S6BP501A and Infineon TLS208D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com