Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT4DNJBLS Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CYT4DNJBLS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBLS Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button CYT4DNJBLS Datasheet HTML 3Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 4Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 5Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 6Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 7Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 8Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 9Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 10Page - Infineon Technologies AG CYT4DNJBLS Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 209 page
background image
Datasheet
7
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Features list
1Features list
Table 1-1
CYT4DN feature list
Features
Packages
327-BGA
CPU
Core
Two 32-bit Arm
® Cortex®-M7 CPUs and a 32-bit Arm® Cortex®-M0+ CPU
Functional safety
ASIL-B
Operation voltage for GPIO_STD, GPIO_ENH
2.7 V to 5.5 V
Operation voltage for GPIO_SMC
2.7 V to 5.5 V
Operation voltage for HSIO_STD/HSIO_STDLN
3.0 V to 3.6 V
Operation voltage for HSIO_ENH
1.7 V to 2.0 V
Operation Voltage for HSIO_ENH_PDIFF
1.7 V to 2.0 V
Core voltage VCCD
1.09 V to 1.21 V
Operation frequency
Arm
® Cortex®-M7 320 MHz (max for each) and Arm® Cortex®-M0+ 100 MHz (max)
MPU, PPU
Supported
FPU
Supports both single (32-bit) and double (64-bit) precision
DSP-MUL/DIV/MAC
Supported by Arm
® Cortex®-M7 CPUs
TCM
64-KB instruction and 64-KB data for each Cortex®-M7 CPU
Memory
Code-flash
6336 KB (6080 KB/Large Sectors + 256 KB/Small Sectors)
Work-flash
128 KB (96 KB/Large Sectors+ 32 KB/Small Sectors)
SRAM (configurable for retention)
640 KB (SRAM0/256 KB + SRAM1/256 KB + SRAM2/128 KB)
ROM
64 KB
Communication Interfaces
CAN0/1 (CAN-FD: Up to 8 Mbps)
4 ch
CAN RAM
16 KB per instance (2 ch), 32 KB in total
Serial communication block (SCB)
12 ch
LIN0
2 ch
CXPI controller
2 ch
Ethernet MAC
1 ch × 10/100/1000
Memory Interfaces
SMIF (Single SPI / Dual SPI / Quad SPI / Octal SPI / xSPI)
2 ch (HSIO_ENH + HSIO_ENH_PDIFF at 166 MHz)
Timers
RTC
1 ch
TCPWM (16-bit)
38 ch
TCPWM (16-bit) Motor Control
12 ch (Equivalent to 6 ch SMC with ZPD and slew rate control)
TCPWM (32-bit)
32 ch
External Interrupts
168
Analog
12-bit, 1 Msps SAR ADC
1 Unit (SAR0, 32 logical channels)
48 external channels
6 ch for Internal sampling
Security
Flash Security (program/work read protection)
Supported
Flash Chip erase enable
Configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com