Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05T210WAS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAS
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH05T210WAS Datasheet HTML 17Page - Texas Instruments PTH05T210WAS Datasheet HTML 18Page - Texas Instruments PTH05T210WAS Datasheet HTML 19Page - Texas Instruments PTH05T210WAS Datasheet HTML 20Page - Texas Instruments PTH05T210WAS Datasheet HTML 21Page - Texas Instruments PTH05T210WAS Datasheet HTML 22Page - Texas Instruments PTH05T210WAS Datasheet HTML 23Page - Texas Instruments PTH05T210WAS Datasheet HTML 24Page - Texas Instruments PTH05T210WAS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
Output On/Off Inhibit
1 Inhibit/
UVLO
GND
2, 6
GND
3,4
7,8
VI
VI
1 = Inhibit
Q1
BSS 138
PTH05T210W
CI
t − Time − 200
µs/div
VO1 (1 V/div)
VINH (2 V/div)
II (5 A/div)
Overcurrent Protection
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
For applications requiring output voltage on/off control, the PTH05T210W incorporates an output Inhibit control
pin. The inhibit feature can be used wherever there is a requirement for the output voltage from the regulator to
be turned off.
The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 14 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pull-up to a potential of 5 V. The input is not compatible with TTL logic devices and should
not be tied to VI. An open-collector (or open-drain) discrete transistor is recommended for control.
Figure 14. On/Off Inhibit Control Circuit
Figure 15. Power-Up Response from Inhibit Control
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within
25 ms. Figure 15 shows the typical rise in both the output voltage and input current, following the turn-off of Q1.
The turn off of Q1 corresponds to the rise in the waveform, VINH. The waveforms were measured with a 20-A
resistive load.
For protection against load faults, all modules incorporate output overcurrent protection. Applying a load that
exceeds the regulator's overcurrent threshold causes the regulated output to shut down. Following shutdown, a
module periodically attempts to recover by initiating a soft-start power-up. This is described as a hiccup mode of
operation, whereby the module continues in a cycle of successive shutdown and power up until the load fault is
removed. During this period, the average current flowing into the fault is significantly reduced. Once the fault is
removed, the module automatically recovers and returns to normal operation.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com