Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV Datasheet(PDF) 1 Page - Bertech.

Part # AFV
Description  ESD Floor Runners and Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

AFV Datasheet(HTML) 1 Page - Bertech.

  AFV Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
ESD Floor Runners and Kits
RoHS Compliant
AFV Series
ESD Floor Runners are made of a gray color homogeneous polymer mix of durable PVC with ESD
properties. ESD Floor Runners are ideal for production assembly rooms where an ESD safe area is
required. These runners have a V-Groove emboss, which makes the mat slip resistant. The kit includes
the mat, a heel grounder, and a grounding cord. ESD Floor Runners are designed to maintain a
consistent discharge throughout the life of the mat with no noticeable deterioration of effectiveness.
APPLICATIONS: Aerospace Assembly, Computer Operators, Computer Technicians, Electronic
Assembly, Fiber Optics Manufacturing, Hospitals, and Solar Industries.
CONSTRUCTION
A homogeneous polymer mix of durable polyvinyl chloride, the AFV series solid matting is designed
to provide a static-safe work area for a wide variety of applications when ESD properties are required.
CHEMICAL RESISTANCE
They are resistant to degradation by inorganic acids, organic acids, reducing agents, detergent
solutions, alcohols, aliphatic hydrocarbons, mineral oil, amines, and aldehydes.
TYPICAL PHYSICAL PROPERTIES
(1)
COLOR
Gray
EMBOSS PATTERN
V-Groove
GAUGE /THICKNESS
0.125′′ ± 0.015”, 1/8”
TENSILE
700 lbs./in.²
ELONGATION
150%
TEAR
150 lbs./in.
DUROMETER
80 ± 5, Shore A
ESD PROPERTIES: Range @ 100V
10
8
– 109 ohms/sq.
SUGGESTED SERVICE TEMPERATURE
–20 °F to +160 °F (2)
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.
(2) This suggested range represents the general temperature range for most flexible vinyl products.


Similar Part No. - AFV

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
AFV OKAYA-AFV Datasheet
333Kb / 1P
SNUBBER CAPACITOR
logo
NXP Semiconductors
AFV09P350-04GNR3 NXP-AFV09P350-04GNR3 Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV09P350-04NR3 NXP-AFV09P350-04NR3 Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700GS NXP-AFV10700GS Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
More results

Similar Description - AFV

ManufacturerPart #DatasheetDescription
logo
3M Electronics
BS-32-8 3M-BS-32-8 Datasheet
14Mb / 91P
Terminals, Kits and Tools
logo
Winchester Electronics ...
KTK-19 WINCHESTER-KTK-19 Datasheet
127Kb / 1P
STRIP AND CRIMP KITS
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
FSK BERTECH-FSK Datasheet
177Kb / 1P
ESD Field Service Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com