Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFWSB Datasheet(PDF) 1 Page - Bertech.

Part # AFWSB
Description  ESD Fabric Wrist Straps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

AFWSB Datasheet(HTML) 1 Page - Bertech.

  AFWSB Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
ESD Fabric Wrist Straps
RoHS Compliant
AFWSB Series
ESD Fabric Wrist Straps are a low cost solution for electronic assembly technicians. The set includes
an adjustable wrist band with 4mm male snap and 6 ft. or 12 ft. coil cord. The 2.5mm polyurethane
coil insulation offers excellent coil memory. Comes with removable alligator clip.
TYPICAL PHYSICAL PROPERTIES
(1)
Banana
Swivel Type
Color
Blue
Material
Polyester with Silver Plated Nylon
Resistor
1 Meg ohm (+/- 5% tolerance)
Size
Band = Adjustable; Cord = 6 ft. or 12 ft. long
Snap
4mm
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.


Similar Part No. - AFWSB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AFW10031 PANASONIC-AFW10031 Datasheet
2Mb / 24P
Programmable Controllers
AFW1033 PANASONIC-AFW1033 Datasheet
2Mb / 24P
Programmable Controllers
AFW20031 PANASONIC-AFW20031 Datasheet
2Mb / 24P
Programmable Controllers
More results

Similar Description - AFWSB

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
09087 ETC2-09087 Datasheet
194Kb / 1P
Premium Fixed Size Metal Expansion Wrist Straps
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
List of Unclassifed Man...
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Tripp Lite. All Rights ...
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
Bertech.
AMWS BERTECH-AMWS Datasheet
113Kb / 1P
ESD Metal Wrist Straps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com