Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMWS Datasheet(PDF) 1 Page - Bertech.

Part # AMWS
Description  ESD Metal Wrist Straps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

AMWS Datasheet(HTML) 1 Page - Bertech.

  AMWS Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
ESD Metal Wrist Straps
RoHS Compliant
AMWS Series
ESD Metal Wrist Straps are a premium band set featuring a metal wrist strap band with an insulating
outer surface and a coil cord. The band is standard with 4mm, machined male snap and provides a 360°
conductive contact around the wrist, providing maximum skin contact. A shorter, swivel type banana
jack increases coil life, prevents cord tangles and fits most bench grounds. It is uses highly conductive
copper sulfide nylon thread for conductivity and it has a maximum resistance of 160 ohms. Comes
with a 6 ft. or 12 ft. cord.
TYPICAL PHYSICAL PROPERTIES
(1)
Banana
Swivel Type
Buckle
Black
Color
Black Metal Expansion Band
Resistor
1 meg ohm (+/- 5% tolerance)
Size
Cord = 12 ft. long
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.


Similar Part No. - AMWS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
More results

Similar Description - AMWS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
Bud Industries, Inc.
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
logo
Hammond Manufacturing L...
18S20 HAMMOND-18S20 Datasheet
133Kb / 2P
Terminal Straps and Brackets
logo
List of Unclassifed Man...
09087 ETC2-09087 Datasheet
194Kb / 1P
Premium Fixed Size Metal Expansion Wrist Straps
logo
Tripp Lite. All Rights ...
P999000 TRIPPLITE-P999000 Datasheet
476Kb / 1P
ESD Anti-Static Wrist Strap Band with Grounding Wire
P999-000 TRIPPLITE-P999-000 Datasheet
159Kb / 2P
ESD Anti-Static Wrist Strap Band with Grounding Wire
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com