Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM Datasheet(PDF) 1 Page - Bertech.

Part # CFM
Description  Conductive Floor Mats and Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

CFM Datasheet(HTML) 1 Page - Bertech.

  CFM Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Conductive Floor Mats and Kits
RoHS Compliant
CFM Series
Conductive Floor Mats are made of a 0.080" thick homogeneous polymer matrix of PVC. They are
designed to rapidly drain off static electricity. These mats can be used for worksurface or floor
grounding. They are black in color with a pebble embossed pattern. The embossed pattern can help
make it slip resistant. They are resistant to degradation by inorganic and organic acids. The kit includes
a mat, heel grounder, and grounding cord.
Application: Aerospace, Computer Assembly, Computer Technicians, Electronic Assembly, Fiber
Optics Manufacturing
CHEMICAL RESISTANCE
They are resistant to degradation by inorganic acids, organic acids, reducing agents, detergent
solutions, alcohols, aliphatic hydrocarbons, mineral oil, amines, and aldehydes.
TYPICAL PHYSICAL PROPERTIES
(1)
COLOR
Black
PATTERN
Pebble Embossed
GAUGE /THICKNESS
0.080′′ ± 10%
Material
PVC
SLIP RESISTANCE
Good
RESISTIVITY
10
6 ohms
TENSILE STRENGTH
450 lbs./in.
2
ELONGATION
100%
TEAR
75 lbs./in.
DUROMETER
80 ± 5, Shore A
SUGGESTED SERVICE TEMPERATURE
–20 °F to +200 °F (2)
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.
(2) This suggested range represents the general temperature range for most flexible vinyl products.


Similar Part No. - CFM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
logo
CUI INC
CFM-120 CUI-CFM-120 Datasheet
799Kb / 6P
DC AXIAL FAN
CFM-120B CUI-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
05/12/2021
logo
CUI Devices
CFM-120B CUID-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15011 ETC2-15011 Datasheet
175Kb / 1P
STATFREE CV280 ROLLS AND MATS
16282 ETC2-16282 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
2059USA BERTECH-2059USA Datasheet
158Kb / 1P
ESD High Temperature Mats & Mat Kits (Made in USA)
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
AFV BERTECH-AFV Datasheet
170Kb / 1P
ESD Floor Runners and Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com