Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGC151M Datasheet(PDF) 1 Page - Bertech.

Part # CGC151M
Description  Common Point Ground Cords
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

CGC151M Datasheet(HTML) 1 Page - Bertech.

  CGC151M Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Common Point Ground Cords
RoHS Compliant
CGC151M Series
Common point ground cords are made of two banana jacks, 10mm male snap, and a 1 Meg resistor. It is
also available with a bulldog clip for field service mats.
TYPICAL PHYSICAL PROPERTIES
(1)
Cord Length
15 feet
Wire Insulation
PU/PVC
Resistor
1 Meg Ohm
Color
Black
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.


Similar Part No. - CGC151M

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CGC0.6101.151 SCHURTER-CGC0.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
More results

Similar Description - CGC151M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
Alpha Wire
601B ALPHAWIRE-601B Datasheet
84Kb / 2P
125 V Jumper Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
2120H ETC2-2120H Datasheet
58Kb / 3P
international power cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Shenzhen Huazhimei Semi...
HM712 HMSEMI-HM712 Datasheet
606Kb / 8P
Static common mode output point is 50% VCC
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
Bertech.
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
Low Profile Ground Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com