Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDCT3C Datasheet(PDF) 1 Page - Bertech.

Part # ESDCT3C
Description  ESD Clear Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

ESDCT3C Datasheet(HTML) 1 Page - Bertech.

  ESDCT3C Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product for any
particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is ultimately the
responsibility of the customer to determine a product’s suitability for a particular application.
ESD Clear Tape
RoHS & REACH Compliant
ESDCT3C series
ESD Tapes are ideal for general packaging in environments where static charge is an issue. They are coated
with a solvent based natural rubber adhesive, which provides excellent tack and holding power. ESD Tapes are
perfect for the electronics industry since they are virtually static free and can be used to close inner boxes and
wrap electronic components. These tapes are available on a 3" core and are 72 yards long. They are available as
clear tape as well as cellulose tape with an ESD symbol printed on it.
Applications: Aerospace Assembly, Computer Operators, Computer Technicians, Electronic Assembly, Fiber
Optics Manufacturing, Hospitals, and Solar Industries.
TYPICAL PHYSICAL PROPERTIES (1)
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.
Color
Clear
Adhesion Type
Rubber
Thickness
2 Mil
Grid Material
Cellulose Cellophane Film
Static Generation
< 250 volts @ 50% RH
Operating Temperature
660 C (1510 F)
Tensile Strength
25 lbs./in.
Adhesion to Steel
66 oz./in.
Elongation
18 %
Static Decay
<0.014 Seconds


Similar Part No. - ESDCT3C

ManufacturerPart #DatasheetDescription
logo
Bertech.
ESDCT3P BERTECH-ESDCT3P Datasheet
216Kb / 1P
ESD Printed Tape
More results

Similar Description - ESDCT3C

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX5050SIC-TR LUMEX-SML-LX5050SIC-TR Datasheet
100Kb / 2P
5.0x5.0mm SML W/REFLECTOR, 636nm RED, WATER CLEAR, TAPE & REEL
SML-LX5050SOC-TR LUMEX-SML-LX5050SOC-TR Datasheet
100Kb / 2P
5.0x5.0mm SML W/REFLECTOR, 625nm ORANGE, WATER CLEAR, TAPE & REEL
SML-LX5050USBC-TR LUMEX-SML-LX5050USBC-TR Datasheet
101Kb / 2P
5.0x5.0mm SML W/REFLECTOR, 470nm BLUE, WATER CLEAR, TAPE & REEL
SML-LX5050UWC2-TR LUMEX-SML-LX5050UWC2-TR Datasheet
176Kb / 3P
5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX5050UWC3-TR LUMEX-SML-LX5050UWC3-TR Datasheet
176Kb / 3P
5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
logo
List of Unclassifed Man...
13882 ETC2-13882 Datasheet
159Kb / 1P
STATFREE ESD ULTRA CLEAR BAG WITH ZIPPER, .0035 (.0889mm)
47020 ETC2-47020 Datasheet
254Kb / 1P
WESCORP ESD HIGH TEMP MASKING TAPE, PAPER CORE
81222 ETC2-81222 Datasheet
144Kb / 1P
WESCORP ESD CELLULOSE TAPE, PAPER CORE
79204 ETC-79204 Datasheet
375Kb / 6P
ESD Tape Applications
logo
Bertech.
ESDCT3P BERTECH-ESDCT3P Datasheet
216Kb / 1P
ESD Printed Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com