Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFM Datasheet(PDF) 1 Page - Bertech.

Part # ESDFM
Description  ESD Foam Mats & Mat Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

ESDFM Datasheet(HTML) 1 Page - Bertech.

  ESDFM Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
ESD Foam Mats & Mat Kits
RoHS Compliant
ESDFM Series
ESD Foam Mats are made of two layers of PVC foam surrounded by a layer of conductive fleece to
form an expanded static dissipative work surface. They are designed for use in front of computer
keyboards and technicians working on static sensitive electronic components.
APPLICATIONS: Computer Operators, Electronic Assembly and Manufacturing, Pharmaceutical Plants,
Cleanroom Operation, Fiber Optics, Aerospace, and Hospitals.
CONSTRUCTION
Two layers of polyvinyl chloride foam surround a layer of conductive fleece to form an expanded static
dissipative work surface. Designed for use in front of computer keyboards, this three layer ESD mat dissipates
the operator’s static through immediate touch prior to operating the equipment.
CHEMICAL RESISTANCE
The mat is resistant to degradation by inorganic acids, organic acids, reducing agents, detergent
solutions, alcohols, aliphatic hydrocarbons, mineral oil, amines, and aldehydes.
TYPICAL PHYSICAL PROPERTIES
(1)
COLOR
Blue
EMBOSS PATTERN
Mat Finish, Non-Embossed
GAUGE /THICKNESS
0.375′′ ± 0.010′′; 3/8′′
TENSILE
100 lbs./in.² minimum
DENSITY
25lbs./ft.3 nominal Wear Layer
ELONGATION
100% minimum
TEAR
20 lbs./in. minimum
DUROMETER
70 ± 5, Shore OO
SURFACE RESISTIVITY
107 – 9 x 108
SUGGESTED SERVICE TEMPERATURE
–20 °F to +160 °F (2)
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.
(2) This suggested range represents the general temperature range for most flexible vinyl products.


Similar Part No. - ESDFM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESDF200-B1-W0201 INFINEON-ESDF200-B1-W0201 Datasheet
742Kb / 14P
Bi-directional ESD protection and EMI filter device, 3.3 V, 65 pF
v1.0 2022-06-07
ESDF200B1W0201E6327XTSA1 INFINEON-ESDF200B1W0201E6327XTSA1 Datasheet
742Kb / 14P
Bi-directional ESD protection and EMI filter device, 3.3 V, 65 pF
v1.0 2022-06-07
logo
Bruckewell Technology L...
ESDF5V4 BWTECH-ESDF5V4 Datasheet
1Mb / 4P
Ultra Low Capacitance TVS Arrays
logo
Jiangsu Changjiang Elec...
ESDF7V0D5 JIANGSU-ESDF7V0D5 Datasheet
1Mb / 6P
Uni-direction ESD Protection Diode
logo
Bruckewell Technology L...
ESDFBP05CL BWTECH-ESDFBP05CL Datasheet
227Kb / 3P
Ultra Low Cj Single Line ESD Protection Diode
More results

Similar Description - ESDFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
16282 ETC2-16282 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
2059USA BERTECH-2059USA Datasheet
158Kb / 1P
ESD High Temperature Mats & Mat Kits (Made in USA)
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com