Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-G Datasheet(PDF) 1 Page - Bertech.

Part # FC-G
Description  General Purpose Finger Cots
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

FC-G Datasheet(HTML) 1 Page - Bertech.

  FC-G Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
General Purpose Finger Cots
RoHS Compliant
FC-G Series
General Purpose Finger Cots or Latex Finger Cots are commonly used in the electronic assembly,
photonics, medical and pharmaceutical manufacturing. They are powder free and are made of 100%
latex material. They are packaged as 1440 pieces/bag.
APPLICATIONS: Computer Operators, Electronic Assembly and Manufacturing, Pharmaceutical Plants,
Cleanroom Operation, Fiber Optics, Aerospace, and Hospitals.
TYPICAL PHYSICAL PROPERTIES
(1)
Color
Natural Latex
Emboss Pattern
Smooth
Elongation
Min. 500%
Length
2.5”
Material
100 % Latex
Thickness
4 Mil.
Type
Powder Free
Tensile Strength
Min. 20 Mpa
(1) Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - FC-G

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FC-GPCD-SDI16-PF PF-FC-GPCD-SDI16-PF Datasheet
918Kb / 4P
Termination Board
FC-GPCS-RIO16-PF PF-FC-GPCS-RIO16-PF Datasheet
997Kb / 6P
Termination Board
FC-GPCS-SAI16-PF PF-FC-GPCS-SAI16-PF Datasheet
1Mb / 5P
Termination Board
FC-GPCS-SAO08-PF PF-FC-GPCS-SAO08-PF Datasheet
1Mb / 4P
Termination Board
FC-GPCS-SDI16-PF PF-FC-GPCS-SDI16-PF Datasheet
1Mb / 5P
Termination Board
More results

Similar Description - FC-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
ebm-papst
LZ32-2 EBMPAPST-LZ32-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
List of Unclassifed Man...
MC33018 ETC2-MC33018 Datasheet
87Kb / 1P
FINGER GUARD
logo
Molex Electronics Ltd.
69127-5027 MOLEX11-69127-5027 Datasheet
35Kb / 1P
Feed Finger
logo
Festo Corporation.
VHEF-LT-M32-M-G18 FESTO-VHEF-LT-M32-M-G18 Datasheet
91Kb / 2P
Finger lever valve
TH-3-M5 FESTO-TH-3-M5 Datasheet
90Kb / 1P
Finger lever valve
13794 FESTO-13794 Datasheet
82Kb / 1P
Finger lever valve
logo
Molex Electronics Ltd.
0691275027 MOLEX-0691275027 Datasheet
19Kb / 1P
Feed Finger
08/25/2022
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
Static Dissipative Finger Cots
FC-N BERTECH-FC-N Datasheet
155Kb / 1P
Nitrile Finger Cots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com