Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF Datasheet(PDF) 1 Page - Bertech.

Part # LPF
Description  Cleanroom Compatible Latex Gloves
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

LPF Datasheet(HTML) 1 Page - Bertech.

  LPF Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Cleanroom Compatible Latex Gloves
RoHS Compliant
LPF Series
Cleanroom Compatible Latex Gloves provide the best value and are designed for a cleanroom and
static charged environment. These gloves are powder free, silicone free, ambidextrous, and made of
latex. They have a textured surface and beaded cuffs. Surface resistivity is 1011 ohms/square. They are
packaged as 1000 gloves per case.
Applications: Cleanroom, Electronics Manufacturing, Semiconductor Facilities, Hospitals, Medical
Equipment, Pharmaceutical, and Photonics.
TYPICAL PHYSICAL PROPERTIES (1)
Color
Natural
Material
Latex
Surface Resistivity
1011 Ohms/Sq.
Length
9”
Thickness
4 mil
Tensile Strength
21 MPa
Elongation
700%
Compatibility
Class 1000 Cleanroom
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - LPF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LPF MSYSTEM-LPF Datasheet
112Kb / 3P
Power Transducer Series L-UNIT
logo
Holland Electronics
LPF-1002-70 HOLLAND-LPF-1002-70 Datasheet
3Mb / 1P
Point of Entry Filter
LPF-1002-70-SS HOLLAND-LPF-1002-70-SS Datasheet
3Mb / 1P
Point of Entry (POE) Filter
logo
M-System Co.,Ltd.
LPF-11P.M1W-B MSYSTEM-LPF-11P.M1W-B Datasheet
112Kb / 3P
Power Transducer Series L-UNIT
LPF-11P.M1W-B/Q MSYSTEM-LPF-11P.M1W-B/Q Datasheet
112Kb / 3P
Power Transducer Series L-UNIT
More results

Similar Description - LPF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-50 ETC2-R-50 Datasheet
102Kb / 2P
Latex Mortar Overlayment
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3_08 Datasheet
189Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
logo
List of Unclassifed Man...
73654 ETC2-73654 Datasheet
224Kb / 2P
STATSHIELD SMOCKS AND GLOVES
logo
Lite-On Technology Corp...
LTST-C930YKT LITEON-LTST-C930YKT Datasheet
371Kb / 6P
I.C. compatible
logo
3M Electronics
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
logo
Bertech.
NPF BERTECH-NPF Datasheet
155Kb / 1P
Cleanroom Compatible Nitrile Gloves
NPF100 BERTECH-NPF100 Datasheet
156Kb / 1P
Class 100 Cleanroom Compatible Nitrile Gloves
logo
Greystone Energy System...
PS-CR3A GREYSTONE-PS-CR3A Datasheet
442Kb / 2P
CLEANROOM MONITOR
PS-CR3B GREYSTONE-PS-CR3B Datasheet
461Kb / 2P
CLEANROOM MONITOR
PS-CR3C GREYSTONE-PS-CR3C Datasheet
439Kb / 2P
CLEANROOM MONITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com