Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPF Datasheet(PDF) 1 Page - Bertech.

Part # NPF
Description  Cleanroom Compatible Nitrile Gloves
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

NPF Datasheet(HTML) 1 Page - Bertech.

  NPF Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Cleanroom Compatible Nitrile Gloves
RoHS Compliant
NPF Series
Cleanroom Compatible Nitrile Gloves designed for use in particle sensitive and low contaminate
environments. These gloves feature a rolled cuff, ambidextrous fit, textured finger tips, a very low
pinhole level, and are powder-free. They are compatible for a Class 1000 environment. The broad
chemical resistance makes them ideal for ESD sensitive applications. They are packaged as 100 gloves
in a bag.
Applications: Cleanroom, Electronics Manufacturing, Semiconductor Facilities, Hospitals, Medical
Equipment, Pharmaceutical, and Photonics.
TYPICAL PHYSICAL PROPERTIES (1)
Color
Natural/White
Material
Nitrile
Surface Resistivity
1011 Ohms/Sq.
Length
9”
Thickness
5 mil
Tensile Strength
14 MPa
Elongation
500%
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - NPF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-12 MEANWELL-NPF-120-12 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-15 MEANWELL-NPF-120-15 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-20 MEANWELL-NPF-120-20 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-24 MEANWELL-NPF-120-24 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
More results

Similar Description - NPF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73654 ETC2-73654 Datasheet
224Kb / 2P
STATSHIELD SMOCKS AND GLOVES
logo
3M Electronics
847 3M-847 Datasheet
310Kb / 4P
Nitrile High Performance Rubber & Gasket Adhesive
847H 3M-847H Datasheet
310Kb / 4P
3M??Nitrile High Performance Rubber & Gasket Adhesive
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
Cleanroom Compatible Latex Gloves
NPF100 BERTECH-NPF100 Datasheet
156Kb / 1P
Class 100 Cleanroom Compatible Nitrile Gloves
FC-N BERTECH-FC-N Datasheet
155Kb / 1P
Nitrile Finger Cots
logo
Greystone Energy System...
PS-CR3A GREYSTONE-PS-CR3A Datasheet
442Kb / 2P
CLEANROOM MONITOR
PS-CR3B GREYSTONE-PS-CR3B Datasheet
461Kb / 2P
CLEANROOM MONITOR
PS-CR3C GREYSTONE-PS-CR3C Datasheet
439Kb / 2P
CLEANROOM MONITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com