Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPF Datasheet(PDF) 1 Page - Bertech.

Part # PPF
Description  1 Mil High Temperature Polyimide Film
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

PPF Datasheet(HTML) 1 Page - Bertech.

  PPF Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
1 Mil High Temperature Polyimide Film
RoHS & REACH Compliant
PPF Series
High Temperature Polyimide Film is made of 1 mil thick HN polyimide film material. They are
reliable and durable with a unique combination of electrical, thermal, chemical, and mechanical
properties that withstand extreme temperatures, vibration, and other demanding environments. They
are packaged on a 3" core and are 100 ft long.
APPLICATIONS: 3D Printing, Aerospace, Automotive, Electronic Assembly, Solar Panel Assembly,
Wave Soldering.
TYPICAL PHYSICAL PROPERTIES
(1)
Color
Amber
Adhesion Type
None
Film Thickness
1 Mil
UL Rating
UL-94-V-0
Tensile Strength
24,000 psi
Elongationss
40 %
Operating Temperature
-269°C (-452°F) - 400°C (752°F)
Dielectric Strength
6,000 Volts/mil
Resistance to acids, oils, solvents
Excellent
Length
100 ft
(1) Specifications are subject to change at any time. If you have any questions, please contact us for the
latest update.


Similar Part No. - PPF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PPF0900AMBA7ES NXP-PPF0900AMBA7ES Datasheet
2Mb / 205P
Nine-channel power management IC with advanced system safety monitoring
Rev. 1.3 - 16 December 2025
PPF0900AMBA8ES NXP-PPF0900AMBA8ES Datasheet
2Mb / 205P
Nine-channel power management IC with advanced system safety monitoring
Rev. 1.3 - 16 December 2025
PPF0900AMMA7ES NXP-PPF0900AMMA7ES Datasheet
2Mb / 205P
Nine-channel power management IC with advanced system safety monitoring
Rev. 1.3 - 16 December 2025
PPF0900AMMA8ES NXP-PPF0900AMMA8ES Datasheet
2Mb / 205P
Nine-channel power management IC with advanced system safety monitoring
Rev. 1.3 - 16 December 2025
logo
Pentair plc. All rights...
PPF1212G PENTAIR-PPF1212G Datasheet
931Kb / 8P
PROLINE Intern al Componen ts
More results

Similar Description - PPF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RNS1YC KOA-RNS1YC Datasheet
95Kb / 2P
MIL approved metal film leaded resistor
logo
3M Electronics
5413-2 3M-5413-2 Datasheet
23Kb / 2P
A tape consisting of a Kapton® polyimide film and silicone adhesive designed for high temperature applications.
Jun-1995
1205-1 3M-1205-1 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
Rev C
logo
Vishay Siliconix
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
logo
List of Unclassifed Man...
BP-LMS-500P ETC2-BP-LMS-500P Datasheet
442Kb / 2P
Polyimide film provides high dielectric strength
logo
3M Electronics
5419 3M-5419 Datasheet
112Kb / 3P
Low Static Polyimide Film Tape 5419
Sep-2010
1205 3M-1205 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
1218 3M-1218 Datasheet
536Kb / 2P
Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
7419 3M-7419 Datasheet
141Kb / 3P
Low Static Polyimide Film Tape 7419
logo
Bertech.
PPTA BERTECH-PPTA Datasheet
106Kb / 1P
1 Mil Polyimide Tape RoHS Compliant PPTA Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com