Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG67/XR Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG67/XR
Description  NPN 8 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67/XR Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG67/XR Datasheet HTML 1Page - NXP Semiconductors BFG67/XR Datasheet HTML 2Page - NXP Semiconductors BFG67/XR Datasheet HTML 3Page - NXP Semiconductors BFG67/XR Datasheet HTML 4Page - NXP Semiconductors BFG67/XR Datasheet HTML 5Page - NXP Semiconductors BFG67/XR Datasheet HTML 6Page - NXP Semiconductors BFG67/XR Datasheet HTML 7Page - NXP Semiconductors BFG67/XR Datasheet HTML 8Page - NXP Semiconductors BFG67/XR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Oct 02
2
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability.
APPLICATIONS
Wideband applications in the GHz
range, such as satellite TV tuners and
portable RF communications
equipment.
DESCRIPTION
NPN silicon transistor in a 4-pin,
dual-emitter SOT143B plastic
package. Available with in-line emitter
pinning (BFG67) and cross emitter
pinning (BFG67/X). Version with
reverse pinning (BFG67/XR) also
available on request.
MARKING
TYPE NUMBER
CODE
BFG67 (Fig.1)
V3
BFG67/X (Fig.1)
V12
BFG67/XR (Fig.2)
V26
PINNING
PIN
DESCRIPTION
BFG67
BFG67/X
BFG67/XR
1
collector
collector
collector
2
base
emitter
emitter
3
emitter
base
base
4
emitter
emitter
emitter
Fig.1
Simplified outline
SOT143B.
handbook, 2 columns
Top view
MSB014
12
3
4
Fig.2
Simplified outline
SOT143R.
handbook, 2 columns
Top view
MSB035
1
2
4
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−
10
V
IC
collector current (DC)
−
50
mA
Ptot
total power dissipation
Ts ≤ 65 °C
−
300
mW
Cre
feedback capacitance
IC =ic = 0; VCB = 8 V; f = 1 MHz
0.5
−
pF
fT
transition frequency
IC = 15 mA; VCE = 8 V; f = 500 MHz
8
−
GHz
GUM
maximum unilateral power
gain
IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
17
−
dB
F
noise figure
Γ
s = Γopt; IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
1.3
−
dB
Γs = Γopt; IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
2.2
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com