Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV160 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT49BV160
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV160 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT49BV160 Datasheet HTML 17Page - ATMEL Corporation AT49BV160 Datasheet HTML 18Page - ATMEL Corporation AT49BV160 Datasheet HTML 19Page - ATMEL Corporation AT49BV160 Datasheet HTML 20Page - ATMEL Corporation AT49BV160 Datasheet HTML 21Page - ATMEL Corporation AT49BV160 Datasheet HTML 22Page - ATMEL Corporation AT49BV160 Datasheet HTML 23Page - ATMEL Corporation AT49BV160 Datasheet HTML 24Page - ATMEL Corporation AT49BV160 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
AT49BV/LV160(T)/161(T)
1427L–FLASH–02/03
.
AC Byte/Word Load Waveforms
WE Controlled
CE Controlled
AC Byte/Word Load Characteristics
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Setup Time
0
ns
t
AH
Address Hold Time
40
ns
tCS
Chip Select Setup Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)40
ns
tDS
Data Setup Time
30
ns
t
DH, tOEH
Data, OE Hold Time
0
ns
t
WPH
Write Pulse Width High
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com