Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS Datasheet(PDF) 4 Page - IET Labs Inc.

Part # PRS
Description  Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS Datasheet(HTML) 4 Page - IET Labs Inc.

  PRS Datasheet HTML 1Page - IET Labs Inc. PRS Datasheet HTML 2Page - IET Labs Inc. PRS Datasheet HTML 3Page - IET Labs Inc. PRS Datasheet HTML 4Page - IET Labs Inc. PRS Datasheet HTML 5Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Programmable Resistance - Capacitance -
Inductance - RTD Decade Substituter
PRS-PCS-PLS-PRTD Series
Page 4 of 5
PRS Catalog Nov 2021
SPECIFICATIONS
User interface: Front panel switch selects REMOTE
(Optional: IEEE-488 , Ethernet or RS-232 interface) or
LOCAL (front-panel thumbwheel) operation.
Accuracy: The accuracy shown in the chart below
applies after subtraction of the "zero setting" residual
impedance.
Accuracy (PRTD): The absolute accuracy indicated be-
low applies without requiring subtraction of "zero setting"
residual impedance.
Min. setting (PRTD): 4 Ω or customer specified.
Thermal emf: < 15 µV; < 10 µV, typical.
Terminals:
Four low-emf, gold-plated, tellurium-copper 5-way
binding posts are used for HI and LO terminal pairs
for CURRENT and SENSE. GND binding post is con-
nected to the case, to the chassis ground and to the
earth ground. Rear outputs are available with the RO
option.
Switching time: <4 ms per change; <7 ms for ≤0.05%
units.
Power requirements: 90 - 264 Vac , 47 - 63 Hz.
30 Watts Max.
Dimensions: Bench model: 22 cm W x 12 cm H x 24
cm D (8.5" x 4.44" x 9.25") Rack model: Panel: 48.3 cm
W x 13.2 cm H (19" x 5.2"); behind panel: 42.7 cm W x
12.4 cm H x 31.5 cm D (16.8" x 5.2" x 12.4"); in front of
panel: 3.8 cm (1.5").
Weight: Bench model: 2.0 kg (4.5 lb); Rack model: 4.5
kg (10 lb); Dual rack mount model: 6.4 kg (14 lb); weight
specifications are nominal.
Remote Control Options:
IEEE: GPIB standard 24 pin connector, conforms to
IEEE-488.2; SCPI 1994.0 command set; Hardware
or software configurable addressing range of 0 to 30.
RS232: 25 pin male DTE interface conforms to EIA-
STD-RS-530; SCPI 1994.0 command set; data rates
from 300 to 115200 bps.
Ethernet: IEEE 802.3 compliant, Speeds 10 BaseT
(10 Mb/s) and 100 BaseT (100 Mb/s), IP Address
Static or DHCP, Factory setting 192.168.1.254 static
Model
PRS-200
PRS-201
PRS-200W
PRS-201W
PRS-202
PRS-202W
PRTD
PCS-300
PCS-301
PLS-400
PLS400A
Type
Resistance
Precision
Resistance
Wide-
Range
Resistance
Wide-Range
Precision
Resistance
High-Precision
Resistance
Wide-Range
High-Precision
Resistance
Precision
Absolute-Value
Resistance
Precision
Capacitance
Wide-Range
Capacitance
Wide-Range
Inductance
Inductance
Accuracy
1% +70 mW
0.1%+ 30 mW
1%+ 70 mW
0.1%+ 30 mW
0.05% + 15 mW (0.01% optional)
.05% + 10 mW
4% + 5 pF
1% + 3 pF
2%
Decades
7
9
7
9
6 or more
6
4
3
Range
0 - 9,999,999 W
0 - 99,999,999.9 W
0 - 9,999,999 W
0 - 99,999,999.9 W
4-10,003.99 W
0 - 99.999 9
µF
0 - 9.999 H
0 - 999 mH
Resolution
1 W
0.1 W
1 W
0.1 W
0.01 or 0.001 W
100 pF
1 mH
Type of
Compo-
nents
Resistance wire for 0.1 W steps and under
Precision metal film for 1 W steps and over
Resistance wire for 0.1 W steps and under
Wirewound, sealed non-inductive resistors
for 1 W to 100 kW steps *;
Precision metal-oxide film resistors for 1 MW steps and
over
100-900 pF: Mica
0.001-0.009 µF: Polystyrene
0.01-0.9 µF: Polycarbonate
1-9 µF: Polyester
10-90 µF: Polarized tantalum
Toroidal inductors
See inductance Substituters
for specifications
Max. Load
0.5 A, 200 V (dc + ac peak), 0.2 W/step, 2 W unit, which-
ever applies first.
3 A, 200 V (dc + ac peak), 0.5 W/step,
4.5 W/unit, whichever applies first.
100 V (20 V for 10-100 µF)
Residual
Imped-
ance
<450 mW
<600 mW
<100 mW
<140 mW
typ. <100 mW
Absolute Value
7 pF, typ. higher with Rear
Output
<1 µH
* PRS with accuracy of 0.1% to 4% use precision metal film resistors for 1 W steps and over



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com