Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOURCE Datasheet(PDF) 1 Page - IET Labs Inc.

Part # SOURCE
Description  Electronically Controlled Resistance Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

SOURCE Datasheet(HTML) 1 Page - IET Labs Inc.

  SOURCE Datasheet HTML 1Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
Electronically Controlled
Resistance Box
ohmSOURCE Series
Page 1 of 1
Model OS-260 Resistance Box
This handheld ohmSOURCE is an
effective option for field applications
in all industries including automo-
tive, medical, test and measure-
ment, and telecommunications.
This microprocessor-controlled,
programmable resistance decade
box provides highly accurate and
stable resistance values. It features
a user-friendly interface, resistances
of up to 24 MΩ, power of up to 1 W,
and two banana-to-alligator cables
for convenient connection. While
remaining cost-effective, the ohm-
SOURCE still offers many advanced
features to ensure that it is practical
for both laboratory and field applica-
tions.
Specifications:
Model OS-260
Model OS-270
Range
0* to 24,000,000.0 W
0* to 1,500,000.00 W
Resolution
0.1 W
0.01 W
Accuracy
£1,000.0 W: ±0.5 W
>1,000.0 W: ±0.1%
£1,000.0 W: ±0.1 W
>1,000.0 W: ±0.01%
Power Rating
1.0 W or 200 Vdc max.
Power Supply
4 AAA alkaline batteries
4 AAA alkaline batteries
*Minimum settable resistance, determined at calibration, is approximately 1 W
OS datasheet/July 2020
Keypad interface:
Enter resistance values using a calculator-
style interface.
Quick-value keys:
Recall up to four frequently used resistance
values with one touch.
Memory keys:
Store resistance values in up to 10 additional
memory locations (0-9).
Current limit (user-defined):
Limits the amount of current passing through
the ohmSOURCE to prevent possible
damage.
Increment value setting:
Change resistance by user-defined
increments or select standard resistance
values.
Open key:
Completely isolate the output terminals with
the touch of a key.
Easy-to-read display:
Large LCD display makes it easy to read the
output.
Automatic residual resistance compensation:
The residual resistance of the ohmSOURCE
is automatically included in the output
resistance value.
No zero-resistance subtraction required.
Auto-off power:
To conserve power, the ohmSOURCE
automatically shuts off after 4 minutes of
inactivity.
Field calibration:
Easily calibrate the ohmSOURCE with a
high-precision ohmmeter. Annual factory
calibration is recommended.
USB interface:
USB interface via USB mini connector for
firmware updates.
OS-91.002 Test leads:
Each ohmSOURCE includes two banana-
plug-to-mini-alligtor-clip leads.
Electrical isolation:
The ohmSOURCE circuit is completely
isolated
Mechanical:
Dimensions:
8.4 cm W x 17.3 cm H x 3.17 cm D
(3.3" W x 6.6" H x 1.25" D)
Weight: 450 g (1 lb)
OS-91.002
Additional Lead Set
OS-270 Resistance Box with Leads Attached
ACCESSORIES


Similar Part No. - SOURCE

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SOU COOPER-SOU Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
Mitsumi Electronics, Co...
SOU MITSUMI-SOU Datasheet
92Kb / 2P
Side Click Type Tactile Switches
SOU-242HNT MITSUMI-SOU-242HNT Datasheet
92Kb / 2P
Side Click Type Tactile Switches
SOU-242HST MITSUMI-SOU-242HST Datasheet
92Kb / 2P
Side Click Type Tactile Switches
SOU-244HNT MITSUMI-SOU-244HNT Datasheet
92Kb / 2P
Side Click Type Tactile Switches
More results

Similar Description - SOURCE

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
logo
Mechatronics, Inc.
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
electronically commutated
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
electronically commutated
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com