Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG93A/X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG93A/X
Description  NPN 6 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG93A/X Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG93A/X Datasheet HTML 1Page - NXP Semiconductors BFG93A/X Datasheet HTML 2Page - NXP Semiconductors BFG93A/X Datasheet HTML 3Page - NXP Semiconductors BFG93A/X Datasheet HTML 4Page - NXP Semiconductors BFG93A/X Datasheet HTML 5Page - NXP Semiconductors BFG93A/X Datasheet HTML 6Page - NXP Semiconductors BFG93A/X Datasheet HTML 7Page - NXP Semiconductors BFG93A/X Datasheet HTML 8Page - NXP Semiconductors BFG93A/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Sep 23
3
Philips Semiconductors
Product specification
NPN 6 GHz wideband transistors
BFG93A; BFG93A/X
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
15
V
VCEO
collector-emitter voltage
open base
−
12
V
VEBO
emitter-base voltage
open collector
−
2V
IC
collector current (DC)
−
35
mA
Ptot
total power dissipation
Ts ≤ 85 °C; note 1
−
300
mW
Tstg
storage temperature range
−65
+150
°C
Tj
junction operating temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
290
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector leakage current
IE = 0; VCB =5V
−−
50
nA
hFE
DC current gain
IC = 30 mA; VCE = 5 V
40
90
−
Cc
collector capacitance
IE =ie = 0; VCB =5V; f=1MHz
−
0.9
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB =5V; f=1MHz
−
1.9
−
pF
Cre
feedback capacitance
IC =ic = 0; VCB =5V; f=1MHz
−
0.6
−
pF
fT
transition frequency
IC = 30 mA; VCE = 5 V; f = 500 MHz
4.5
6
−
GHz
GUM
maximum unilateral power
gain; note 1
IC = 30 mA; VCE =8V; Tamb =25 °C;
f = 1 GHz
−
16
−
dB
IC = 30 mA; VCE =8V; Tamb =25 °C;
f = 2 GHz
−
10
−
dB
F
noise figure
Γs = Γopt; IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
−
1.7
−
dB
Γ
s = Γopt; IC = 5 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
−
2.3
−
dB
G
UM
10
S
21
2
1S
11
2
–
() 1S
22
2
–
()
-------------------------------------------------------------- dB.
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com